Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCRC1A226TRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCRC1A226TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCRC1A226TRF Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCRC1A226TRF Datasheet HTML 1Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 2Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 3Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 4Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 5Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 6Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 7Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 8Page - Vishay Siliconix TMCRC1A226TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TMCR
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40181
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
7 VDC AT +85 °C; 4 VDC AT +125 °C
10
B
TMCRB0J106(1)TRF
0.6
6
0.70
0.370
15
B
TMCRB0J156(1)TRF
0.9
6
0.60
0.400
22
B
TMCRB0J226(1)TRF
1.4
6
0.50
0.440
33
C
TMCRC0J336(1)TRF
2.1
6
0.35
0.530
47
C
TMCRC0J476(1)TRF
3.0
6
0.35
0.530
68
E
TMCRE0J686(1)TRF
4.3
6
0.20
0.770
100
E
TMCRE0J107(1)TRF
6.3
8
0.15
0.890
150
E
TMCRE0J157(1)TRF
9.5
8
0.10
1.100
220
E
TMCRE0J227(1)TRF
13.9
10
0.10
1.100
330
E
TMCRE0J337(1)TRF
20.8
15
0.10
1.100
10 VDC AT +85 °C; 6.3 VDC AT +125 °C
10
B
TMCRB1A106(1)TRF
1.0
6
0.70
0.370
15
B
TMCRB1A156(1)TRF
1.5
6
0.60
0.400
22
C
TMCRC1A226(1)TRF
2.2
6
0.50
0.440
33
C
TMCRC1A336(1)TRF
3.3
6
0.35
0.530
47
E
TMCRE1A476(1)TRF
4.7
6
0.25
0.690
68
E
TMCRE1A686(1)TRF
6.8
6
0.20
0.770
100
E
TMCRE1A107(1)TRF
10.0
8
0.10
1.100
150
E
TMCRE1A157(1)TRF
15.0
8
0.10
1.100
220
E
TMCRE1A227(1)TRF
22.0
10
0.10
1.100
330
E
TMCRE1A337(1)TRF
33.0
30
0.15
0.890
16 VDC AT +85 °C; 10 VDC AT +125 °C
10
B
TMCRB1C106(1)TRF
1.6
6
0.60
0.400
15
C
TMCRC1C156(1)TRF
2.4
6
0.50
0.440
22
C
TMCRC1C226(1)TRF
3.5
6
0.40
0.500
33
E
TMCRE1C336(1)TRF
5.3
6
0.25
0.690
47
E
TMCRE1C476(1)TRF
7.5
6
0.20
0.770
68
E
TMCRE1C686(1)TRF
10.9
6
0.15
0.890
100
E
TMCRE1C107(1)TRF
16.0
8
0.10
1.100
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCRC1A226TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCRC1A226KTR HITACHI-TMCRC1A226KTR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
TMCRC1A226MTR HITACHI-TMCRC1A226MTR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
More results

Similar Description - TMCRC1A226TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com