Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCSE1A336TRF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TMCSE1A336TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSE1A336TRF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TMCSE1A336TRF Datasheet HTML 4Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 5Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 6Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 7Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 8Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 9Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 10Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 11Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Molded Guide
www.vishay.com
Vishay Polytech
Revision: 11-Apr-16
4
Document Number: 40218
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TMCTX
TMCH
THC
PRODUCT IMAGE
TYPE
Solid tantalum surface mount chip capacitors, molded case
FEATURES
Built-in fuse
High reliability
High reliability,
high temperature +150 °C
TEMPERATURE RANGE
-55 °C to +125 °C
-55 °C to +150 °C
CAPACITANCE RANGE
1.0 μF to 68 μF
0.1 μF to 100 μF
0.33 μF to 47 μF
VOLTAGE RANGE
10 V to 35 V
4 V to 35 V
10 V to 35 V
CAPACITANCE TOLERANCE
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 0.5 μA,
whichever is greater
0.005 CV or 0.25 μA, whichever is greater
DISSIPATION FACTOR
4 % to 6 %
4 % to 8 %
4 % to 6 %
CASE SIZES
B, C, E, F
A, B, C, E, P
A, B, C, E
TERMINATION FINISH
100 % tin
SOLID NIOBIUM CAPACITORS - MOLDED CASE
SERIES
NMC
NMCU
PRODUCT IMAGE
TYPE
Solid niobium surface mount chip capacitors, molded case
FEATURES
Flame retardant
Flame retardant, low profile
TEMPERATURE RANGE
-55 °C to +105 °C
CAPACITANCE RANGE
10 μF to 470 μF
4.7 μF to 47 μF
VOLTAGE RANGE
2.5 V to 10 V
CAPACITANCE TOLERANCE
± 20 %
LEAKAGE CURRENT
0.02 CV or less
DISSIPATION FACTOR
8 % to 30 %
30 %
CASE SIZES
A, B, C, E
UA, UB
TERMINATION FINISH
100 % tin
Case UA: 100 % tin
Case UB: Ni / Pd / Au


Similar Part No. - TMCSE1A336TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSE1A336 HITACHI-TMCSE1A336 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
More results

Similar Description - TMCSE1A336TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com