Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3C226K6R3CSZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TM3C226K6R3CSZ
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM3C226K6R3CSZ Datasheet(HTML) 1 Page - Vishay Siliconix

  TM3C226K6R3CSZ Datasheet HTML 1Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 2Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 3Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 4Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 5Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 6Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 7Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 8Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TM3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
1
Document Number: 40166
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT™, Molded Case, for Medical Instruments
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40209
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 1 μF to 220 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 20 VDC
FEATURES
• For non-life support medical applications
• High reliability
• Weibull grading options
• DC leakage at 0.005 CV
• 100 % surge current tested (B, C, D, E cases)
• Terminations: 100 % matte tin and tin / lead
• Standard EIA 535BAAC case sizes (A through E)
• Manufacturing location is certified to medical standard
ISO 13485
• Compliant terminations
• Dry pack as per IPC / JEDEC® J-STD-033 standard
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Note
• Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only
Available
Available
Available
ORDERING INFORMATION
TM3
C
226
K
6R3
C
B
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION
AND PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and Case
Codes
table.
This is
expressed
in picofarads.
The first two
digits are
the significant
figures.
The third is the
number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed
in volts. To
complete the
three-digit block,
zeros precede
the voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
Matte tin
C = 7" (178 mm) reel
H = 7" (178 mm) ½ reel
V = 7" (178 mm) reel,
dry pack
Tin / lead
E = 7" (178 mm) reel
L = 7" (178 mm) ½ reel
T = 7" (178 mm) reel,
dry pack
B = 0.1 %
Weibull FRL
S = hi-rel std.
(40 h burn-in)
Z = non-
established
reliability
A = 10 cycles at
+25 °C, 1.1 RV
Z = no surge
(for A case only)


Similar Part No. - TM3C226K6R3CSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM3C226K6R3CBA VISHAY-TM3C226K6R3CBA Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CBZ VISHAY-TM3C226K6R3CBZ Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CZA VISHAY-TM3C226K6R3CZA Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CZZ VISHAY-TM3C226K6R3CZZ Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
More results

Similar Description - TM3C226K6R3CSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com