Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1543M Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1543M
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543M Datasheet(HTML) 3 Page - Texas Instruments

  TLV1543M Datasheet HTML 1Page - Texas Instruments TLV1543M Datasheet HTML 2Page - Texas Instruments TLV1543M Datasheet HTML 3Page - Texas Instruments TLV1543M Datasheet HTML 4Page - Texas Instruments TLV1543M Datasheet HTML 5Page - Texas Instruments TLV1543M Datasheet HTML 6Page - Texas Instruments TLV1543M Datasheet HTML 7Page - Texas Instruments TLV1543M Datasheet HTML 8Page - Texas Instruments TLV1543M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
3
WWW.TI.COM
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADDRESS
17
I
Serial address. A 4-bit serial address selects the desired analog input or test voltage that is to be converted
next. The address data is presented with the MSB first and is shifted in on the first four rising edges of I/O
CLOCK. After the four address bits have been read into the address register, ADDRESS is ignored for the
remainder of the current conversion period.
A0 − A10
1− 9, 11,
12
I
Analog signal. The 11 analog inputs are applied to A0 − A10 and are internally multiplexed. The driving source
impedance should be less than or equal to 1 k
Ω.
CS
15
I
Chip select. A high-to-low transition on CS resets the internal counters and controls and enables DATA OUT,
ADDRESS, and I/O CLOCK within a maximum of a setup time plus two falling edges of the internal system
clock. A low-to-high transition disables ADDRESS and I/O CLOCK within a setup time plus two falling edges
of the internal system clock.
DATA OUT
16
O
The 3-state serial output for the A/D conversion result. DATA OUT is in the high-impedance state when CS
is high and active when CS is low. With a valid chip select, DATA OUT is removed from the high-impedance
state and is driven to the logic level corresponding to the MSB value of the previous conversion result. The
next falling edge of I/O CLOCK drives DATA OUT to the logic level corresponding to the next most significant
bit, and the remaining bits are shifted out in order with the LSB appearing on the ninth falling edge of I/O
CLOCK. On the tenth falling edge of I/O CLOCK, DATA OUT is driven to a low logic level so that serial
interface data transfers of more than ten clocks produce zeroes as the unused LSBs.
EOC
19
O
End of conversion. EOC goes from a high- to a low- logic level on the trailing edge of the tenth I/O CLOCK
and remains low until the conversion is complete and data are ready for transfer.
GND
10
I
The ground return terminal for the internal circuitry. Unless otherwise noted, all voltage measurements are
with respect to GND.
I/O CLOCK
18
I
Input/output clock. I/O CLOCK receives the serial I/O CLOCK input and performs the following four functions:
1) It clocks the four input address bits into the address register on the first four rising edges of I/O
CLOCK with the multiplex address available after the fourth rising edge.
2) On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected multiplex input begins
charging the capacitor array and continues to do so until the tenth falling edge of I/O CLOCK.
3) It shifts the nine remaining bits of the previous conversion data out on DATA OUT.
4) It transfers control of the conversion to the internal state controller on the falling edge of the tenth clock.
REF +
14
I
The upper reference voltage value (nominally VCC) is applied to REF +. The maximum input voltage range
is determined by the difference between the voltage applied to REF + and the voltage applied to the REF −
terminal.
REF −
13
I
The lower reference voltage value (nominally ground) is applied to REF −.
VCC
20
I
Positive supply voltage
detailed description
With chip select (CS) inactive (high), the ADDRESS and I/O CLOCK inputs are initially disabled and DATA OUT
is in the high-impedance state. When the serial interface takes CS active (low), the conversion sequence begins
with the enabling of I/O CLOCK and ADDRESS and the removal of DATA OUT from the high-impedance state.
The host then provides the 4-bit channel address to ADDRESS and the I/O CLOCK sequence to I/O CLOCK.
During this transfer, the host serial interface also receives the previous conversion result from DATA OUT. I/O
CLOCK receives an input sequence that is between 10 and 16 clocks long from the host. The first four I/O clocks
load the address register with the 4-bit address on ADDRESS selecting the desired analog channel and the next
six clocks providing the control timing for sampling the analog input.


Similar Part No. - TLV1543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543M TI-TLV1543M Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543M TI1-TLV1543M Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
TLV1543MFK TI-TLV1543MFK Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543MJ TI-TLV1543MJ Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLV1543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com