Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40020 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40020
Description  ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40020 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40020 Datasheet HTML 3Page - Texas Instruments TPS40020 Datasheet HTML 4Page - Texas Instruments TPS40020 Datasheet HTML 5Page - Texas Instruments TPS40020 Datasheet HTML 6Page - Texas Instruments TPS40020 Datasheet HTML 7Page - Texas Instruments TPS40020 Datasheet HTML 8Page - Texas Instruments TPS40020 Datasheet HTML 9Page - Texas Instruments TPS40020 Datasheet HTML 10Page - Texas Instruments TPS40020 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPS40020
TPS40021
SLUS535C − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
7
APPLICATION INFORMATION
The TPS4002x series of devices are low-input voltage, synchronous, voltage mode-buck controllers. A typical
application circuit is shown in Figure 1. These controllers are designed to allow construction of
high-performance dc-to-dc converters with input voltages from 2.25 V to 5.5 V, and output voltages as low as
690 mV. Using a top side N-channel MOSFET for the primary buck switch results in lower switch resistance
for a given gate charge.
The device controls the delays from main switch off to rectifier turn on and from rectifier turn off to main switch
turn on in a way that minimizes diode losses (both conduction and recovery) in the synchronous rectifier. The
reduction in these losses is significant and can mean that for a given converter power level, smaller FETs can
be used, or that heat sinking can be reduced or even eliminated.
The TPS40021 is the controller of choice for most general purpose synchronous buck designs, operating in two
quadrant mode (i.e. source or sink current) full time. This choice provides the best performance for output
voltage load transient response over the widest load current range.
The TPS40020 operates in single quadrant mode (source current only) full time, allowing the paralleling of
converters. Single quadrant operation ensures one converter does pull current from a paralleled converter. A
converter using one of these controllers emulates a non-synchronous buck converter at light loads. When
current in the output inductor attempts to reverse, an internal zero-current detection circuit turns OFF the
synchronous rectifier and causes the current flow in the inductor to become discontinuous. At average load
currents greater than the peak amplitude of the inductor ripple current, the converter returns to operation as
a synchronous buck converter to maximize efficiency.
The controller provides for a coarse short circuit current-limit function that provides pulse-by-pulse current
limiting, as well as integrates short circuit current pulses to determine the existence of a persistant fault state
at the converter output. If a fault is detected, the converter shuts down for a period of time (determined by six
soft-start cycles) and then restarts. The current-limit threshold is adjustable with a single resistor connected
from VDD to the ILIM/SYNC pin. This overcurrent function is designed to protect against catastrophic faults
only, and cannot be guaranteed to protect against all overcurrent conditions.
The controller implements a closed-loop soft start function. Startup ramp time is set by a single external
capacitor connected to the SS/SD pin. The SS/SD pin also doubles as a shutdown function.
VOLTAGE REFERENCE
The bandgap cell is designed with a trimmed, curvature corrected (< 1%) 0.69-V output, allowing output
voltages as low as 690 mV to be obtained.
Oscillator
The ramp waveform is a saw-tooth form at the PWM frequency with a peak voltage of 1.25 V, and a valley of
0.3 V. The PWM duty cycle is limited to a maximum of 97%, allowing the bootstrap and charge pump capacitors
to charge during every cycle.


Similar Part No. - TPS40020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40020 TI1-TPS40020 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020PWP TI1-TPS40020PWP Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020PWPG4 TI1-TPS40020PWPG4 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020PWPR TI1-TPS40020PWPR Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020PWPRG4 TI1-TPS40020PWPRG4 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com