Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCME1D686TRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCME1D686TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCME1D686TRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCME1D686TRF Datasheet HTML 1Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 2Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 3Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 4Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 5Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 6Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 7Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 8Page - Vishay Siliconix TMCME1D686TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V (7 V)
10 V
16 V
20 V
25 V
35 V
0.47
A
0.68
AA
1.0
AA
A
1.5
AA
A
A / B
2.2
A
A
A
A / B
A / B
3.3
A
A
A
A / B
A / B
B
4.7
A
A
A
A / BA / BA / B
C
6.8
A
A
A
A / B
A / B
B
B / C
C
10
A
A
A / B
A / B
A / B
B / C
B / C
C / E
15
A
A / B
A / B
A / B
A / B / C
B / C
C / E
E
22
A / B
A / B
A / B
A / B / C
A / B / C
B / C / E
C / E
E
33
A / B
A / B
A / B / C
A / B / C
B / C / E
C / E
E
47
A / B
A / B / C
A / B / C
A / B / C / E
B / C / E
E
E
68
A / B / C
A / B / C
A / B / C / E
B / C / E
C / E
E
100
A / B / C
A / B / C / E
A / B / C / E
B / C / E
C / E
150
A / B / C / E
A / B / C / E
B / C / E
C / E
220
A / B / C / E
A / B / C / E
B / C / E
E
330
B / C / E
B / C / E
C / E
E
470
B / C / E
E
E
MARKING
SIMPLIFIED VOLTAGE CODES, CASES A, B
VOLTAGE CODE
V
CODE
VOLTAGE CODE
V
CODE
2.5
e
16
C
4.0
G
20
D
6.3 (7)
J
25
E
10
A
35
V
SIMPLIFIED CAP CODES, CASES A, B
CAPACITANCE CODE
μF
CODE
CAPACITANCE CODE
μF
CODE
0.47
S5
22
J7
0.68
W5
33
N7
1.0
A647S7
1.5
E6
68
W7
2.2
J6
100
A8
3.3
N6
150
E8
4.7
S6
220
J8
6.8
W6
330
N8
10
A7
470
S8
15
E7
GA7A
Simplified code of nominal
capacitance (A7: 10 μF)
Anode indication belt mark
A, B Case
Date code
Simplified code of rated
voltage (G: 4 V)
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (15 μF)
15


Similar Part No. - TMCME1D686TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCME1D226 ETC-TMCME1D226 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCME1D476 ETC-TMCME1D476 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCME1D686TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com