Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC200-1024G Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # ABC200-1024G
Description  Active Power Factor Correction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200-1024G Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button ABC200-1024G Datasheet HTML 3Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 4Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 5Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 6Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 7Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 8Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 9Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 10Page - Bel Fuse Inc. ABC200-1024G Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ABC200 Series
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Dimensions
Width
50.8
mm
Height
36.6
mm
Depth
101.6
mm
M
Weight
0.2
kg
Figure 15. Side view 1
Figure 16. Side view 2
AIR FLOW DIRECTION


Similar Part No. - ABC200-1024G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC200-1024G POWER-ONE-ABC200-1024G Datasheet
733Kb / 12P
   High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1024G BEL-ABC200-1024G Datasheet
1Mb / 11P
   High Efficiency up to 91% at 230 VAC
More results

Similar Description - ABC200-1024G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
   Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
   Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
   Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
   Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
   Active power factor correction
logo
Astec America, Inc
LPQ253-CEF ASTEC-LPQ253-CEF Datasheet
137Kb / 2P
   Active power factor correction
logo
Emerson Network Power
LPS172 EMERSON-NETWORKPOWER-LPS172 Datasheet
782Kb / 3P
   Active power factor correction
NTQ160 EMERSON-NETWORKPOWER-NTQ160 Datasheet
149Kb / 3P
   Active power factor correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com