Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC550-1T58 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC550-1T58
Description  5 x 3 x 1.5 Inch Form Factor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550-1T58 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC550-1T58 Datasheet HTML 1Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 2Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 3Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 4Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 5Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 6Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 7Page - Bel Fuse Inc. ABC550-1T58 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ABC550 Series
tech.support@psbel.com
ABC550-1T12
12 V
9.17 A
16.67 A
41.67 A
0.0 A
2%
ABC550-1T15
15 V
7.33 A
13.33 A
33.33 A
0.0 A
2%
ABC550-1T24
24 V
6.25 A
10.42 A
22.92 A
0.0 A
1%
ABC550-1T30
30 V
5.00 A
8.33 A
18.33 A
0.0 A
1%
ABC550-1T48
48 V
3.13 A
5.21 A
11.46 A
0.0 A
1%
ABC550-1T58
58 V
2.59 A
4.31 A
9.48 A
0.0 A
1%
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
(Derate from 100% at 115 VAC to 78% at 90 VAC)
90-264 VAC / 390 VDC
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
6 A max.
3 A max.
No Load Power
115 VAC:
230 VAC:
< 0.5 W
< 0.7 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
115 VAC:
230 VAC:
< 200 µA
< 400 µA
Power Factor
@ Full Load
> 0.95
Switching Frequency
PFC
Resonant
70 to 130 kHz
68 to 80 kHz
Output Power3
Forced air cooled:
Conduction cooled:
Convection cooled:
up to 550 W
up to 250 W
up to 150 W
Efficiency
(typical @ 230 VAC full load)
48 V:
24 V:
12 V, 15 V:
92%
91%
90%
Hold-up Time (typical)
Full Load
Convection Load
Conduction Load
> 16 ms
> 55 ms
> 30 ms
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Transient Response
50-100% step load change, at 0.1A/µs slew rate,
50% duty cycle, 50 Hz = 5%
recovery time < 5 ms
1 Refer Recommended Conduction Plate & Clearance on Page 8.
2 Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges. Output ripple can be more than 10% of the output voltage.
3 Combined output power of main output, fan supply shall not exceed max. Power rating.


Similar Part No. - ABC550-1T58

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC550-1T58 BEL-ABC550-1T58 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC550-1T58 BEL-ABC550-1T58 Datasheet
1Mb / 8P
   Up to 550 Watts with Forced Air Cooling
More results

Similar Description - ABC550-1T58

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
   5 x 3 x 1.5 inch form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
   5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches form factor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com