Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110IMX7-05-05-8 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # 110IMX7-05-05-8
Description  7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

110IMX7-05-05-8 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button 110IMX7-05-05-8 Datasheet HTML 5Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 6Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 7Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 8Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 9Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 10Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 11Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 12Page - Bel Fuse Inc. 110IMX7-05-05-8 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 9 of 14
MELCHER
The Power Partners.
Fig. 10
Flexible load distribution on double-outputs models (2
×12 V)
with load variation from 0 to 150% of Po1 nom on output 1.
Output 2 loaded with 25% of Po2 nom.
Vo1, Vo2 [V]
Io1
Io1 nom
05059a
12.8
12.4
12
11.6
11.2
030
60
90
120
150
[%]
Vo2
Vo1
Typical Performance Curves
Fig. 9
Cross load regulation (typ.) of double-output models (2
×12
V). The cross-load effect is negligible.
11
11.5
12
12.5
13
13.5
V
o1 [V]
0.10
0.15
0.20
0.25
0.3
I
o1 [A]
0.05
05088a
I
o2 = 0.3 A
I
o2 = 0.03 A
Fig. 11
Efficiency versus input voltage and load.
Typical values (40IMX7-12-12-8).
40
50
60
70
80
90
05052a
25
50
75
100 %
P
o
P
o nom
V
i nom
V
i max
V
i min
η [%]
Auxiliary Functions
Inhibit Function
The output(s) of the converter may be enabled or disabled by
means of a logic signal (TTL, CMOS, etc.) applied to the inhibit
pin. No output voltage overshoot will occur, when the converter
is turned on. If the inhibit function is not required, the inhibit pin
should be connected to Vi– to enable the output (active low
logic, fail safe).
Converter operating:
–10 V to 0.8 V
Converter inhibited
or inhibit pin i left open:
2.4 V to Vi max
(20/40IMX7,
24/48IMS7)
2.4 V to 75 V
(70/110IMX7)
Adjustable Output Voltage
As a standard feature, all IMX7 and IMS7 converters offer
adjustable output voltage(s) by using a control pin. If this pin is
left open-circuit, the output voltage is set to Vo nom. The output
voltage is adjustable in the range of 75 to 105% of Vo nom.The
circuit works for single- and double-output models in a different
way. For output voltages Vo > Vo nom, the minimum input voltage
Vi min (see Electrical Input Data) increases proportionally to Vo/
Vo nom.


Similar Part No. - 110IMX7-05-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX7-05-05-8 POWER-ONE-110IMX7-05-05-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results

Similar Description - 110IMX7-05-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com