Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1543IDBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1543IDBR
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543IDBR Datasheet(HTML) 4 Page - Texas Instruments

  TLV1543IDBR Datasheet HTML 1Page - Texas Instruments TLV1543IDBR Datasheet HTML 2Page - Texas Instruments TLV1543IDBR Datasheet HTML 3Page - Texas Instruments TLV1543IDBR Datasheet HTML 4Page - Texas Instruments TLV1543IDBR Datasheet HTML 5Page - Texas Instruments TLV1543IDBR Datasheet HTML 6Page - Texas Instruments TLV1543IDBR Datasheet HTML 7Page - Texas Instruments TLV1543IDBR Datasheet HTML 8Page - Texas Instruments TLV1543IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
4
WWW.TI.COM
detailed description (continued)
There are six basic serial interface timing modes that can be used with the device. These modes are determined
by the speed of I/O CLOCK and the operation of CS as shown in Table 1. These modes are (1) a fast mode with
a 10-clock transfer and CS inactive (high) between conversion cycles, (2) a fast mode with a 10-clock transfer
and CS active (low) continuously, (3) a fast mode with an 11- to 16-clock transfer and CS inactive (high) between
conversion cycles, (4) a fast mode with a 16-bit transfer and CS active (low) continuously, (5) a slow mode with
an 11- to 16-clock transfer and CS inactive (high) between conversion cycles, and (6) a slow mode with a
16-clock transfer and CS active (low) continuously.
The MSB of the previous conversion appears on DATA OUT on the falling edge of CS in mode 1, mode 3, and
mode 5, on the rising edge of EOC in mode 2 and mode 4, and following the 16th clock falling edge in mode 6.
The remaining nine bits are shifted out on the next nine falling edges of I/O CLOCK. Ten bits of data are
transmitted to the host through DATA OUT. The number of serial clock pulses used also depends on the mode
of operation, but a minimum of ten clock pulses is required for conversion to begin. On the 10th clock falling
edge, the EOC output goes low and returns to the high logic level when conversion is complete and the result
can be read by the host. On the 10th clock falling edge, the internal logic takes DATA OUT low to ensure that
the remaining bit values are zero if the I/O CLOCK transfer is more than ten clocks long.
Table 1 lists the operational modes with respect to the state of CS, the number of I/O serial transfer clocks that
can be used, and the timing edge on which the MSB of the previous conversion appears at the output.
Table 1. Mode Operation
MODES
CS
NO. OF
I/O CLOCKS
MSB AT DATA OUT†
TIMING
DIAGRAM
Mode 1
High between conversion cycles
10
CS falling edge
Figure 9
Fast Modes
Mode 2
Low continuously
10
EOC rising edge
Figure 10
Fast Modes
Mode 3
High between conversion cycles
11 to 16‡
CS falling edge
Figure 11
Mode 4
Low continuously
16‡
EOC rising edge
Figure 12
Slow Modes
Mode 5
High between conversion cycles
11 to 16‡
CS falling edge
Figure 13
Slow Modes
Mode 6
Low continuously
16‡
16th clock falling edge
Figure 14
† These edges also initiate serial-interface communication.
‡ No more than 16 clocks should be used.
fast modes
The device is in a fast mode when the serial I/O CLOCK data transfer is completed before the conversion is
completed. With a 10-clock serial transfer, the device can only run in a fast mode since a conversion does not
begin until the falling edge of the 10th I/O CLOCK.
mode 1: fast mode, CS inactive (high) between conversion cycles, 10-clock transfer
In this mode, CS is inactive (high) between serial I/O CLOCK transfers and each transfer is ten clocks long. The
falling edge of CS begins the sequence by removing DATA OUT from the high-impedance state. The rising edge
of CS ends the sequence by returning DATA OUT to the high-impedance state within the specified delay time.
Also, the rising edge of CS disables the I/O CLOCK and ADDRESS terminals within a setup time plus two falling
edges of the internal system clock.
mode 2: fast mode, CS active (low) continuously, 10-clock transfer
In this mode, CS is active (low) between serial I/O CLOCK transfers and each transfer is ten clocks long. After
the initial conversion cycle, CS is held active (low) for subsequent conversions; the rising edge of EOC then
begins each sequence by removing DATA OUT from the low logic level, allowing the MSB of the previous
conversion to appear immediately on this output.


Similar Part No. - TLV1543IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543IDBR TI1-TLV1543IDBR Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
TLV1543IDBRG4 TI1-TLV1543IDBRG4 Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
More results

Similar Description - TLV1543IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com