Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61061DRBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61061DRBRG4
Description  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61061DRBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61061DRBRG4 Datasheet HTML 1Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 2Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS61061DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FEEDBACK FB
IFB
Feedback input bias current
VFB = 500 mV
1
1.5
uA
VFB
Feedback regulation voltage
ILED = GND, after start-up
485
500
515
mV
VFB
Feedback regulation voltage
ILED = High, after start-up
240
250
260
mV
POWER SWITCH SYNCHRONOUS RECTIFIER AND CURRENT LIMIT (SW)
rDS(ON)
P-channel MOSFET on-resistance
VO = 10 V, Isw = 10 mA
2.5
3.7
N-channel MOSFET on-resistance
VIN = VGS = 3.6 V, Isw = 100 mA
0.6
0.9
RDS(ON)
N-channel MOSFET on-resistance
VIN = VGS = 2.7 V, Isw = 100 mA
0.7
1.0
Iswleak
Switch leakage current
VIN = VSW=6.0 V, VOUT = GND,
0.1
2
µA
EN=GND
ISW
N-Channel MOSFET current limit
VO = 10 V
325
400
475
mA
OSCILLATOR
fs
Switching frequency
0.8
1.0
1.2
MHz
OUTPUT
Vovp
Output overvoltage protection
VO rising; TPS61060
14
14.5
16
V
Vovp
Output overvoltage protection
VO rising; TPS61061
18
18.5
19.8
V
Vovp
Output overvoltage protection
VO rising; TPS61062
22.2
23.5
25
V
Vovp
Output overvoltage protection hysteresis
TPS61060/61/62, VO falling
0.7
V
Vo
Output voltage threshold for short-circuit
VO falling
VIN–0.7
V
detection
Vo
Output voltage threshold for short-circuit
VO rising
VIN–0.3
V
detection
Start-up, EN = low to high,
OUT = GND
VIN = 6 V
180
Ipre
Pre-charge current and short circuit current
mA
VIN = 3.6 V
95
VIN = 2.7 V
65
D
Maximum duty cycle
95%
Table of Graphs
FIGURE
η
Efficiency
vs LED current; 2 LEDs, ILED = high
2
vs LED current; 3 LEDs, ILED = low
3
vs LED current; 3 LEDs, ILED = high
4
vs LED current; 4 LEDs, ILED = low
5
vs LED current; 4 LEDs, ILED = high
6
vs LED current; 5 LEDs, ILED = high
7
PWM dimming
8
Digital brightness control
Feedback voltage vs ILED program-
9
ming step
LED current
vs PWM duty cycle
10
Soft-start operation
11
Short-circuit protection
12
Overvoltage protection
13
Input voltage ripple
14
5


Similar Part No. - TPS61061DRBRG4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61061DRBRG4

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com