Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2846J Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2846J
Description  Current Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2846J Datasheet(HTML) 2 Page - Texas Instruments

  UC2846J Datasheet HTML 1Page - Texas Instruments UC2846J Datasheet HTML 2Page - Texas Instruments UC2846J Datasheet HTML 3Page - Texas Instruments UC2846J Datasheet HTML 4Page - Texas Instruments UC2846J Datasheet HTML 5Page - Texas Instruments UC2846J Datasheet HTML 6Page - Texas Instruments UC2846J Datasheet HTML 7Page - Texas Instruments UC2846J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UC1846/7
UC2846/7
UC3846/7
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
C/L SS
2
VREF
3
C/S-
4
C/S+
5
N/C
6
E/A+
7
E/A-
8
Comp
9
CT
10
N/C
11
RT
12
Sync
13
A Out
14
Gnd
15
N/C
16
VC
17
B Out
18
VIN
19
Shutdown
20
DIL-16, SOIC-16
(TOP VIEW)
J or N Package, DW Package
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply for TA=-55°C to +125°C for
UC1846/7; -40°C to +85°C for the UC2846/7; and 0°C to +70°C for the UC3846/7;
VIN=15V, RT=10k, CT=4.7nF, TA=TJ.)
UC1846/UC1847
UC3846/UC3847
PARAMETER
TEST CONDITIONS
UC2846/UC2847
MIN.
TYP.
MAX.
MIN.
TYP.
MAX. UNITS
Reference Section
Output Voltage
TJ=25°C, IO=1mA
5.05
5.10
5.15
5.00
5.10
5.20
V
Line Regulation
VIN=8V to 40V
5
20
5
20
mV
Load Regulation
IL=1mA to 10mA
3
15
3
15
mV
Temperature Stability
Over Operating Range, (Note 2)
0.4
0.4
mV/°C
Total Output Variation
Line, Load, and Temperature (Note 2)
5.00
5.20
4.95
5.25
V
Output Noise Voltage
10Hz
≤ f ≤10kHz, TJ=25°C (Note 2)
100
100
µV
Long Term Stability
TJ=125°C, 1000 Hrs. (Note 2)
5
5
mV
Short Circuit Output Current VREF=0V
-10
-45
-10
-45
mA
Supply Voltage (Pin 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +40V
Collector Supply Voltage (Pin 13). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +40V
Output Current, Source or Sink (Pins 11, 14). . . . . . . . . . . . . . . . . . . . . . . . 500mA
Analog Inputs (Pins 3, 4, 5, 6, 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +VIN
Reference Output Current (Pin 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30mA
Sync Output Current (Pin 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA
Error Amplifier Output Current (Pin 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA
Soft Start Sink Current (Pin 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Oscillator Charging Current (Pin 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Power Dissipation at TA=25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000mW
Power Dissipation at TC=25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (soldering, 10 seconds. . . . . . . . . . . . . . . . . . . . . . . . . +300°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1. All voltages are with respect to Ground, Pin 13. Currents are positive into,
negative out of the speficied terminal. Consult Packaging Section of Databook for
thermal limitations and considerations of packages. Pin numbers refer to DIL and
SOIC packages only.
PLCC-20, LCC-20
(TOP VIEW)
Q, L Packages
2


Similar Part No. - UC2846J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2846J TI-UC2846J Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI1-UC2846J Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI1-UC2846J Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2846J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com