Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3A105K025C7600AS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TP3A105K025C7600AS
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A105K025C7600AS Datasheet(HTML) 1 Page - Vishay Siliconix

  TP3A105K025C7600AS Datasheet HTML 1Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 2Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 3Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 4Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 5Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 6Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 7Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 8Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
1
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT™ Molded Case, High Performance, Automotive Grade
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40215
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.10 μF to 470 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
FEATURES
• AEC-Q200 qualified
•Low ESR
• 100 % surge current tested
(B, C, D, and E case sizes)
• High ripple current carrying capability
• Molded case available in five case codes
• Terminations: 100 % matte tin standard,
tin / lead available
• Compatible with “high volume” automatic pick
and place equipment
• Meets EIA-535-BAAC
mechanical
and performance
requirements
• Compliant terminations
• Moisture sensitivity level 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Automotive
• Industrial
• General purpose
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating
• Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only
Available
Available
Available
ORDERING INFORMATION
TP3
D
226
K
035
C
0500
AS
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION /
PACKAGING
ESR
SPECIFICATION
OPTION
See Ratings
and Case
Codes table
This is
expressed
in picofarads.
The first two
digits are the
significant
figures.
The third is
the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed
in V. To complete
the three-digit
block, zeros
precede the
voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
Matte tin
C = 7" (178 mm) reel
D = 13" (330 mm) reel
V = 7" (178 mm) reel,
dry pack
U = 13" (330 mm) reel,
dry pack
Tin / lead
E = 7" (178 mm) reel
F = 13" (330 mm) reel
T = 7" (178 mm) reel,
dry pack
W = 13" (330 mm) reel,
dry pack
Maximum
100 kHz ESR
0500 = 500 m
Ω
5000 = 5.0
Ω
10R0 = 10.0
Ω
AS = standard


Similar Part No. - TP3A105K025C7600AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3A105 VISHAY-TP3A105 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Similar Description - TP3A105K025C7600AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com