Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1218JK-13100RL Datasheet(PDF) 10 Page - YAGEO Corporation

Part # AA1218JK-13100RL
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA1218JK-13100RL Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button AA1218JK-13100RL Datasheet HTML 2Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 3Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 4Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 5Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 6Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 7Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 8Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 9Page - YAGEO Corporation AA1218JK-13100RL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08, 2015 V.3
Product specification
10
10
SERIES
AA
0201 to 2512
L
LE
EG
GA
AL
L D
DIIS
SC
CL
LA
AIIM
ME
ER
R
Yageo, its distributors and agents (collectively, “Yageo”), hereby disclai ms any and all liabilities for any errors,
inaccuracies or incompleteness contained in any product related information, including but not limited to
product specifications, datasheets, pictures and/or graphics. Yageo may make changes, modifications and/or
improvements to product related information at any time and without notice.
Yageo makes no representation, warranty, and/or guarantee about the fitness of its products for any particular
purpose or the continuing production of any of its products. To the maximum extent permitted by law, Yageo
disclaims (i) any and all liability arising out of the application or use of any Yageo product, (ii) any and all
liability, including without limitation special, consequential or incidental damages, and (iii) any and all implied
warranties, including warranties of fitness for a particular purpose, non -infringement and merchantability.
Yageo statements regarding the suitability of products for certain types of applications are based on Yageo’s
knowledge of typical operating conditions for such types of applications in a generic nature. Such statements
are neither binding statements of Yageo nor intended to constitute any warranty concerning the suitability for a
specific customer application or use. They are intended for use only by customers with requisite knowledge and
experience for determining whether Yageo products are the correct products for their application or use. In
addition, unpredicatable and isolated cases of product failure may still occur, therefore, cus tomer application or
use of Yageo products which requires higher degree of reliability or safety, shall employ additional protective
safeguard measures to ensure that product failure would not result in personal injury or property damage.
Yageo products are not designed for application or use in medical, life-saving, or life-sustaining devices or for
any other application or use in which the failure of Yageo products could result in personal injury or death.
Customers using or selling Yageo products not expressly indicated for above-mentioned purposes shall do so at
their own risk and agree to fully indemnify Yageo and hold Yageo harmless.
Information provided here is intended to indicate product specifications only. Yageo reserves all the rights for
revising this content without further notification, as long as products are unchanged. Any product change will
be announced by PCN.


Similar Part No. - AA1218JK-13100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA1218JK-13100R YAGEO-AA1218JK-13100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA1218JK-13100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com