Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7142 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7142
Description  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7142 Datasheet HTML 5Page - Analog Devices AD7142 Datasheet HTML 6Page - Analog Devices AD7142 Datasheet HTML 7Page - Analog Devices AD7142 Datasheet HTML 8Page - Analog Devices AD7142 Datasheet HTML 9Page - Analog Devices AD7142 Datasheet HTML 10Page - Analog Devices AD7142 Datasheet HTML 11Page - Analog Devices AD7142 Datasheet HTML 12Page - Analog Devices AD7142 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Data Sheet
AD7142
Rev. B | Page 9 of 70
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
CIN3
CIN4
CIN5
CIN6
CIN7
CIN8
CIN9
CIN10
CS
SCLK
SDI
SDO
VDRIVE
DGND2
DGND1
DVCC
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD7142
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY IT IS
RECOMMENDED THAT THE PAD BE SOLDERED TO
THE GROUND PLANE.
Figure 6. AD7142 Pin Configuration
CIN3
CIN4
CIN5
CIN6
CIN7
CIN8
CIN9
CIN10
ADD1
SCLK
ADD0
SDA
VDRIVE
DGND2
DGND1
DVCC
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD7142-1
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY IT IS
RECOMMENDED THAT THE PAD BE SOLDERED TO
THE GROUND PLANE.
Figure 7. AD7142-1 Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CIN3
Capacitance Sensor Input.
2
CIN4
Capacitance Sensor Input.
3
CIN5
Capacitance Sensor Input.
4
CIN6
Capacitance Sensor Input.
5
CIN7
Capacitance Sensor Input.
6
CIN8
Capacitance Sensor Input.
7
CIN9
Capacitance Sensor Input.
8
CIN10
Capacitance Sensor Input.
9
CIN11
Capacitance Sensor Input.
10
CIN12
Capacitance Sensor Input.
11
CIN13
Capacitance Sensor Input.
12
CSHIELD
CDC Shield Potential Output. Requires 10 nF capacitor to ground. Connect to external shield.
13
AVCC
CDC Supply Voltage.
14
AGND
Analog Ground Reference Point for All CDC Circuitry. Tie to analog ground plane.
15
SRC
CDC Excitation Source Output.
16
SRC
Inverted Excitation Source Output.
17
DVCC
Digital Core Supply Voltage.
18
DGND1
Digital Ground.
19
DGND2
Digital Ground.
20
VDRIVE
Serial Interface Operating Voltage Supply.
21
SDO
(AD7142) SPI Serial Data Output.
SDA
(AD7142-1) I2C Serial Data Input/Output. SDA requires pull-up resistor.
22
SDI
(AD7142) SPI Serial Data Input.
ADD0
(AD7142-1) I2C Address Bit 0.
23
SCLK
Clock Input for Serial Interface.
24
CS
(AD7142) SPI Chip Select Signal.
ADD1
(AD7142-1) I2C Address Bit 1.
25
INT
General-Purpose Open-Drain Interrupt Output. Programmable polarity; requires pull-up resistor.
26
GPIO
Programmable GPIO.
27
TEST
Factory Test Pin. Tie to ground.
28
VREF+
CDC Positive Reference Input. Normally tied to analog power.
29
VREF−
CDC Negative Reference Input. Tie to analog ground.
30
CIN0
Capacitance Sensor Input.
31
CIN1
Capacitance Sensor Input.
32
CIN2
Capacitance Sensor Input.
EPAD
Exposed Pad. The exposed pad is not connected internally. For increased reliability of the solder joints and maximum
thermal capability, it is recommended that the pad be soldered to the ground plane.


Similar Part No. - AD7142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142 Datasheet
1Mb / 68P
   Programmable Capacitance-to-Digital Converter with Environmental Compensation
REV. 0
AD7142 AD-AD7142 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142ACPZ-1500RL71 AD-AD7142ACPZ-1500RL71 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142ACPZ-1REEL1 AD-AD7142ACPZ-1REEL1 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Similar Description - AD7142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com