Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7147 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7147 Datasheet HTML 2Page - Analog Devices AD7147 Datasheet HTML 3Page - Analog Devices AD7147 Datasheet HTML 4Page - Analog Devices AD7147 Datasheet HTML 5Page - Analog Devices AD7147 Datasheet HTML 6Page - Analog Devices AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices AD7147 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
Data Sheet
AD7147
AVERAGE CURRENT SPECIFICATIONS
Table 2. Typical Average Current in Low Power Mode1
Low Power
Decimation
Current Values of Conversion Stages (μA)
Mode Delay
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
64
20.83
24.18
27.52
30.82
34.11
37.37
40.6
43.81
46.99
50.16
53.3
56.41
128
25.3
31.92
38.45
44.87
51.21
57.45
63.6
69.66
75.63
81.52
87.33
93.05
256
34.11
46.99
59.51
71.66
83.47
94.94
106.1
116.96
127.52
137.81
147.82
157.58
400 ms
64
18.17
19.86
21.55
23.23
24.9
26.57
28.23
29.88
31.53
33.17
34.81
36.44
128
20.43
23.79
27.12
30.43
33.72
36.98
40.22
43.43
46.62
49.78
52.93
56.05
256
24.9
31.53
38.06
44.5
50.83
57.08
63.23
69.3
75.28
81.17
86.98
92.71
600 ms
64
17.28
18.41
19.54
20.67
21.79
22.91
24.03
25.14
26.25
27.36
28.47
29.57
128
18.79
21.04
23.28
25.51
27.73
29.94
32.13
34.32
36.49
38.65
40.81
42.95
256
21.79
26.25
30.67
35.04
39.37
43.66
47.9
52.11
56.27
60.39
64.47
68.51
800 ms
64
16.84
17.69
18.53
19.38
20.23
21.07
21.91
22.75
23.59
24.43
25.26
26.09
128
17.97
19.66
21.35
23.03
24.7
26.37
28.03
29.69
31.34
32.98
34.62
36.25
256
20.23
23.59
26.93
30.24
33.53
36.79
40.03
43.24
46.43
49.6
52.74
55.86
1
VCC = 3.3 V, TA = 25°C, load = 50 pF.
Table 3. Maximum Average Current in Low Power Mode1
Low Power
Decimation
Current Values of Conversion Stages (μA)
Mode Delay
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
64
27.96
32.06
36.12
40.15
44.16
48.12
52.06
55.97
59.85
63.69
67.51
71.29
128
33.41
41.49
49.44
57.26
64.97
72.55
80.02
87.37
94.61
101.74
108.77
115.69
256
44.16
59.85
75.05
89.79
104.09
117.97
131.45
144.53
157.25
169.61
181.63
193.33
400 ms
64
24.74
26.8
28.86
30.91
32.95
34.99
37.01
39.03
41.04
43.04
45.03
47.02
128
27.49
31.59
35.66
39.7
43.71
47.68
51.62
55.53
59.41
63.26
67.08
70.87
256
32.95
41.04
49
56.83
64.54
72.12
79.6
86.96
94.2
101.34
108.37
115.3
600 ms
64
23.66
25.04
26.42
27.79
29.17
30.53
31.89
33.25
34.61
35.96
37.31
38.66
128
25.5
28.25
30.99
33.71
36.41
39.1
41.78
44.44
47.09
49.72
52.34
54.95
256
29.17
34.61
40
45.33
50.6
55.82
60.98
66.09
71.15
76.15
81.1
86.01
800 ms
64
23.12
24.16
25.19
26.23
27.26
28.29
29.32
30.34
31.36
32.38
33.4
34.42
128
24.5
26.57
28.63
30.68
32.72
34.76
36.79
38.8
40.81
42.81
44.81
46.79
256
27.26
31.36
35.44
39.47
43.48
47.46
51.4
55.31
59.19
63.04
66.86
70.66
1
VCC = 3.6 V, TA = −40°C to +85°C, load = 50 pF.
Rev. E | Page 5 of 70


Similar Part No. - AD7147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147A-1ACBZ-RL AD-AD7147A-1ACBZ-RL Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147A-1ACBZ500RL7 AD-AD7147A-1ACBZ500RL7 Datasheet
699Kb / 69P
   CapTouch Programmable Controller
More results

Similar Description - AD7147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com