Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC101 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC101
Description  Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC101 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button VFC101 Datasheet HTML 2Page - Burr-Brown (TI) VFC101 Datasheet HTML 3Page - Burr-Brown (TI) VFC101 Datasheet HTML 4Page - Burr-Brown (TI) VFC101 Datasheet HTML 5Page - Burr-Brown (TI) VFC101 Datasheet HTML 6Page - Burr-Brown (TI) VFC101 Datasheet HTML 7Page - Burr-Brown (TI) VFC101 Datasheet HTML 8Page - Burr-Brown (TI) VFC101 Datasheet HTML 9Page - Burr-Brown (TI) VFC101 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
VFC101
®
FIGURE 2. Offset for Bipolar Input Voltages.
Mylar™, Teflon™ E. I. du Pont de Nemours & Co.
Integrator
Comparator
Clocked
Logic
Output
One-Shot
54
17
13
18
2
+V
CC
14
15
f
OUT
0 to f
CLOCK/2
Digital
Ground
12
11
–V
CC
16
Analog
Ground
5V
Reference
20
C
INT
0.1µF
+V
L
0.1µF
+V
CC
f
CLOCK
TTL/CMOS
I
1
+V
CC
0.1µF
–V
CC
–V
CC
1mA
7
9
10k
8
10k
16k
10
4k
6
V
IN
–5V
to
+5V
INSTALLATION AND
OPERATING INSTRUCTIONS
The integrator capacitor C
INT
(see Figure 1) affects the
magnitude of the integrator voltage waveform. Its absolute
accuracy is not critical since it does not affect the transfer
function. Figure 3 facilitates choosing an appropriate stan-
dard value to assure that the integrator waveform voltage is
within acceptable limits. Good dielectric absorption proper-
ties are required to achieve best linearity. Mylar™, polycar-
bonate, mica, polystyrene, Teflon™ and glass types are
appropriate choices. Choice will depend on the particular
value and size. Ceramic capacitors vary considerably from
type to type and some produce significant nonlinearities.
Polarized capacitors should not be used.
Deviation from the nominal recommended +1V to –0.75V
integrator voltage (as controlled by the integrator capacitor
value) is permissible and will have a negligible effect on
FIGURE 3. Integrator Capacitor Selection Graph.
+1V
–0.75V
10µ
0.1µ
0.01µ
1000p
100p
100
1k
10k
100k
1M
Full-Scale Frequency (Hz)
+2.5V
–1.9V
NOTE: (1)This is the maximum swing of the integrator output
voltage referred to the comparator noninverting input voltage.
Integrator Swing(1)
+100mV
–75mV
10M
VFC operation. It may be desirable to deviate from the
suggested value. Smaller integrator voltages, for instance,
allow more “headroom” for averaging noisy input signals.
The VFC is a fully integrating input converter, able to reject
large levels of interfering noise. This ability is limited only
by the output voltage swing range of the integrator amplifier.
By setting a small integrator voltage swing using a large
CINT value, larger levels of noise can be integrated without
integrator output saturation and loss of accuracy.
The maximum integrator voltage swing requirement is nearly
symmetrical about the comparator threshold voltage (see
Figure 5.) One-third greater swing is required above the
threshold than below it. Maximum demand on positive
integrator swing occurs at low scale, while the negative
swing is greatest just below full scale.
CLOCK INPUT
The clock input is TTL- and CMOS-compatible. Its input
threshold is approximately 1.4V (two diode voltage drops)
referenced to digital ground (pin 15). The clock “high” input
may be standard TLL or may be as high as +V
CC. The clock
input has a high input impedance, so no special drivers are
required. Rise time in the transition region from 0.5V to 2V
must be less than 2
µs for proper operation.
OUTPUT
The frequency output is an open collector current-sink
transistor. Output pulses are active-low during the reset
integration period (see “Shortened Output Pulses”.)
Interface to a logic circuit normally uses a pull-up resistor to
the logic power supply. Selection of the pull-up resistor
should be made such that no more than 15mA flows in the
output transistor. The actual choice of the pull-up resistor
may depend on the full-scale frequency and the stray capaci-


Similar Part No. - VFC101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC100 TI1-VFC100 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC100AG BURR-BROWN-VFC100AG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC100BG BURR-BROWN-VFC100BG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC100BG1 TI1-VFC100BG1 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com