Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7843ARQ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7843ARQ-REEL
Description  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843ARQ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7843ARQ-REEL Datasheet HTML 1Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 2Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 3Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 4Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 5Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 6Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 7Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 8Page - Analog Devices AD7843ARQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7843
Rev. B | Page 3 of 20
SPECIFICATIONS
VCC = 2.7 V to 3.6 V, VREF = 2.5 V, fSCLK = 2 MHz, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
AD7843A1
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
No Missing Codes
11
Bits min
Integral Nonlinearity2
±2
LSB max
Offset Error2
±6
LSB max
VCC = 2.7 V
Offset Error Match3
1
LSB max
0.1
LSB typ
Gain Error2
±4
LSB max
Gain Error Match3
1
LSB max
0.1
LSB typ
Power Supply Rejection
70
dB typ
SWITCH DRIVERS
On-Resistance2
Y+, X+
5
Ω typ
Y−, X−
6
Ω typ
ANALOG INPUT
Input Voltage Ranges
0 to VREF
V
DC Leakage Current
±0.1
µA typ
Input Capacitance
37
pF typ
REFERENCE INPUT
VREF Input Voltage Range
1.0/+VCC
V min/max
DC Leakage Current
±1
µA max
VREF Input Impedance
5
GΩ typ
CS = GND or +VCC
VREF Input Current3
20
µA max
8 µA typ
1
µA typ
fSAMPLE = 12.5 kHz
1
µA max
CS = +VCC; 0.001 µA typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V or +VCC
Input Capacitance, CIN4
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VCC − 0.2
V min
ISOURCE = 250 µA; VCC = 2.2 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 250 µA
PENIRQ Output Low Voltage, VOL
0.4
V max
ISINK = 250 µA; 100 kW pull-up
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance4
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
12
DCLK Cycles max
Track-and-Hold Acquisition Time
3
DCLK Cycles min
Throughput Rate
125
kSPS max
Footnotes on next page.


Similar Part No. - AD7843ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARQ-REEL7 AD-AD7843ARQ-REEL7 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ-REEL7 AD-AD7843ARQ-REEL7 Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results

Similar Description - AD7843ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com