Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7877 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 5 Page - Analog Devices

  AD7877 Datasheet HTML 1Page - Analog Devices AD7877 Datasheet HTML 2Page - Analog Devices AD7877 Datasheet HTML 3Page - Analog Devices AD7877 Datasheet HTML 4Page - Analog Devices AD7877 Datasheet HTML 5Page - Analog Devices AD7877 Datasheet HTML 6Page - Analog Devices AD7877 Datasheet HTML 7Page - Analog Devices AD7877 Datasheet HTML 8Page - Analog Devices AD7877 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
AD7877
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC
Resolution
8
Bits
Integral Nonlinearity
±1
Bits
Differential Nonlinearity
±1
Guaranteed monotonic by design
Voltage Mode
Output Voltage Range
0 − VCC/2
V
DAC register Bit 2 = 0, Bit 0 = 0
0 − VCC
V
DAC register Bit 2 = 0, Bit 0 = 1
Slew Rate
−0.4, +0.5
V/µs
Output Settling Time
12
15
µs
0 to 3/4 scale, RLOAD = 10 kΩ, CLOAD = 50 pF
Capacitive Load Stability
50
100
pF
RLOAD = 10 kΩ
Output Impedance
75
kΩ
Power-down mode
Short-Circuit Current
21
mA
Current Mode
Output Current Range
0
1000
µA
DAC register, Bit 2 = 1; full-scale current is set by RRNG
Output Impedance
Open
Power-down mode
LOGIC INPUTS
Input High Voltage, VINH
0.7 VDRIVE
V
Input Low Voltage, VINL
0.3
VDRIVE
V
Input Current, IIN
±1
µA
Typically 10 nA, VIN = 0 V or VCC
Input Capacitance, CIN4
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
ISOURCE = 250 µA, VCC/VDRIVE = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V
ISINK = 250 µA
Floating-State Leakage Current
±10
µA
Floating-State Output Capacitance4
10
pF
Output Coding
Straight (natural) binary
CONVERSION RATE
Conversion Time
8
µs
CS high to DAV low
Throughput Rate
125
kSPS
POWER REQUIREMENTS
VCC (Specified Performance)
2.7
3.6
V
Functional from 2.2 V to 5.25 V
VDRIVE
1.65
VCC
V
ICC
Digital inputs = 0 V or VCC
Converting Mode
240
380
µA
ADC on, internal reference off, VCC = 3.6 V
650
900
µA
ADC on, internal reference on, VCC = 3.6 V
900
µA
ADC on, internal reference on, DAC on
Static
150
µA
ADC on, but not converting, internal reference off,
VCC = 3.6 V
Shutdown Mode
1
µA
1
See the Terminology section.
2
Difference between Temp0 and Temp1 measurement. No calibration necessary.
3
Temperature drift is −2.1 mV/°C.
4
Sample tested @ 25°C to ensure compliance.
Rev. E | Page 4 of 45


Similar Part No. - AD7877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877ACP-500RL7 AD-AD7877ACP-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL AD-AD7877ACP-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results

Similar Description - AD7877

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com