Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322L Datasheet(PDF) 5 Page - Analog Devices

Part # AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322L Datasheet(HTML) 5 Page - Analog Devices

  AD73322L_17 Datasheet HTML 1Page - Analog Devices AD73322L_17 Datasheet HTML 2Page - Analog Devices AD73322L_17 Datasheet HTML 3Page - Analog Devices AD73322L_17 Datasheet HTML 4Page - Analog Devices AD73322L_17 Datasheet HTML 5Page - Analog Devices AD73322L_17 Datasheet HTML 6Page - Analog Devices AD73322L_17 Datasheet HTML 7Page - Analog Devices AD73322L_17 Datasheet HTML 8Page - Analog Devices AD73322L_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AD73322L
Rev. A | Page 4 of 48
SPECIFICATIONS
AVDD = 3 V ± 10%; DVDD = 3 V ± 10%; DGND = AGND = 0 V, fDMCLK = 16.384 MHz, fSAMP = 8 kHz; TA = TMIN to TMAX,
unless otherwise noted.
Operating temperature range as follows: A grade, TMIN = −40°C, TMAX = +85°C; Y grade, TMIN = −40°C, TMAX = +105°C.
Table 1.
A and Y Versions
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE
REFCAP
Absolute Voltage, VREFCAP
1.08
1.2
1.32
V
REFCAP TC
50
ppm/°C
0.1 µF capacitor required from REFCAP to AGND2
REFOUT
Typical Output Impedance
130
Absolute Voltage, VREFOUT
1.08
1.2
1.32
V
Unloaded
Minimum Load Resistance
1
kΩ
Maximum Load Capacitance
100
pF
INPUT AMPLIFIER
Offset
±1.0
mV
Maximum Output Swing
1.578
V
Max output swing = (1.578/1.2) × VREFCAP
Feedback Resistance
50
kΩ
fC = 32 kHz
Feedback Capacitance
100
pF
ANALOG GAIN TAP
Gain at Maximum Setting
+1
Gain at Minimum Setting
−1
Gain Resolution
5
Bits
Gain step size = 0.0625
Gain Accuracy
±1.0
%
Output unloaded
Settling Time
1.0
µs
Tap gain change of
−FS to +FS
Delay
0.5
µs
ADC SPECIFICATIONS
DAC unloaded
Maximum Input Range at VIN1, 2
1.578
V p-p
Measured differentially
−2.85
dBm
Max input = (1.578/1.2) × VREFCAP
Nominal Reference Level at VIN
1.0954
V p-p
Measured differentially
(0 dBm0)
−6.02
dBm
Absolute Gain
PGA = 0 dB
−2.0
−0.7
+0.5
dB
1.0 kHz, 0 dBm0
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to −50 dBm0
Signal-to-Noise and Distortion
Refer to Figure 9
PGA = 0 dB
70
78
dB
300 Hz to 3400 Hz; fSAMP = 8 kHz, PUIA = 0
79
dB
300 Hz to 3400 Hz; fSAMP = 8 kHz, PUIA = 1
77.5
dB
0 Hz to fSAMP/2; fSAMP = 8 kHz
Total Harmonic Distortion
PGA = 0 dB
−86
−75
dB
300 Hz to 3400 Hz; fSAMP = 8 kHz
Intermodulation Distortion
−61
dB
PGA = 0 dB
Idle Channel Noise Crosstalk
−72
dBm0
PGA = 0 dB
ADC-to-DAC
−107
dB
ADC input signal level: 1.0 kHz, 0 dBm0
DAC input at idle
ADC-to-ADC
−92
dB
ADC1 input signal level: 1.0 kHz, 0 dBm0
ADC2 input at idle; input amplifiers bypassed
−93
dB
Input amplifiers included in input channel
DC Offset
−20
0
+20
mV
PGA = 0 dB
Power Supply Rejection Ratio
−65
dB
Input signal level at AVDD and DVDD pins:
1.0 kHz, 100 mV p-p sine wave


Similar Part No. - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

Similar Description - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com