Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD74111 Datasheet(PDF) 4 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 4 Page - Analog Devices

  AD74111_17 Datasheet HTML 1Page - Analog Devices AD74111_17 Datasheet HTML 2Page - Analog Devices AD74111_17 Datasheet HTML 3Page - Analog Devices AD74111_17 Datasheet HTML 4Page - Analog Devices AD74111_17 Datasheet HTML 5Page - Analog Devices AD74111_17 Datasheet HTML 6Page - Analog Devices AD74111_17 Datasheet HTML 7Page - Analog Devices AD74111_17 Datasheet HTML 8Page - Analog Devices AD74111_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
REV. 0
AD74111
–3–
Table I. Current Summary (AVDD = 2.5 V, DVDD1 = 2.5 V, DVDD2 = 2.5 V)
1, 2, 3
AVDD
DVDD1
DVDD2
Total Current
Conditions
Current (mA)
Current (mA)
Current (mA)
(Max)(mA)
ADC, Reference, Ref-Amp On
6.11 (6.11)
0.15 (0.43)
0.72 (2.10)
DAC, Reference, Ref-Amp On
3.80 (4.0)
0.15 (0.43)
0.85 (2.23)
Reference, Ref-Amp On
0.60 (0.60)
0.15 (0.43)
0.27 (0.50)
All Sections On
8.60
0.15 (0.43)
1.72 (4.80)
15.35
Power-Down Mode
0.035
0.15 (0.43)
0.49 (0.49)
2.6
NOTES
1All values are typical, unless otherwise noted.
2Max values are quoted with DVDD1 = 3.6 V.
3Sample rates quoted are for 16 kHz and (48 kHz).
Parameter
Conditions
Min
Typ
Max
Unit
ADC DECIMATION FILTER
*
fS = 48 kHz
Pass Band
21.5
kHz
Pass-Band Ripple
0.2
mdB
Transition Band
5
kHz
Stop Band
26.5
kHz
Stop-Band Attenuation
120
dB
Group Delay
910
µs
Low Group Delay Mode
87
µs
DAC INTERPOLATION FILTER
*
fS = 48 kHz
Pass Band
21.5
kHz
Pass-Band Ripple
10
mdB
Transition Band
5
kHz
Stop Band
26.5
kHz
Stop-Band Attenuation
75
dB
Group Delay
505
µs
Low Group Delay Mode
55
µs
LOGIC INPUT
VINH, Input High Voltage
DVDD1 – 0.8
DVDD1 V
VINL, Input Low Voltage
0
0.8
V
Input Current
–10
+10
µA
Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD1 – 0.4
DVDD1 V
VOL, Output Low Voltage
0
0.4
V
Three-State Leakage Current
–10
+10
µA
POWER SUPPLIES
AVDD
2.375
2.625
V
DVDD2
2.375
2.625
V
DVDD1
2.375
3.6
V
Power Supply Rejection Ratio
1 kHz, 300 mV p-p Signal at Analog
Supply Pins
72
dB
50/60 Hz, 300 mV p-p Signal at Analog
Supply Pins
73
dB
*Guaranteed by design.
Specifications subject to change without notice.


Similar Part No. - AD74111_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD74111_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com