Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322LARUZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD73322LARUZ1
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LARUZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD73322LARUZ1 Datasheet HTML 2Page - Analog Devices AD73322LARUZ1 Datasheet HTML 3Page - Analog Devices AD73322LARUZ1 Datasheet HTML 4Page - Analog Devices AD73322LARUZ1 Datasheet HTML 5Page - Analog Devices AD73322LARUZ1 Datasheet HTML 6Page - Analog Devices AD73322LARUZ1 Datasheet HTML 7Page - Analog Devices AD73322LARUZ1 Datasheet HTML 8Page - Analog Devices AD73322LARUZ1 Datasheet HTML 9Page - Analog Devices AD73322LARUZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AD73322L
Rev. A | Page 5 of 48
A and Y Versions
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Group Delay3, 4
25
µs
Input Resistance at PGA1, 3, 5
20
kΩ
Input amplifiers bypassed
DIGITAL GAIN TAP
Gain at Maximum Setting
1
Gain at Minimum Setting
−1
Gain Resolution
16
Bits
Tested to 5 MSB of settings
Delay
25
µs
Includes DAC delay
Settling Time
100
µs
Tap gain change from −FS to +FS; includes
DAC settling time
DAC SPECIFICATIONS
DAC unloaded
Maximum Voltage Output Swing1
Single-Ended
1.578
V p-p
PGA = 6 dB
−2.85
dBm
Max output = (1.578/1.2) × VREFCAP
Differential
3.156
V p-p
PGA = 6 dB
3.17
dBm
Max output = 2 × (1.578/1.2) × VREFCAP
Nominal Voltage Output Swing (0 dBm0)
Single-Ended
1.0954
V p-p
PGA = 6 dB
−6.02
dBm
Differential
2.1909
V p-p
PGA = 6 dB
0
dBm
Output Bias Voltage
1.2
V
REFOUT unloaded
Absolute Gain
−1.75
−0.6
+0.75
dB
1.0 kHz, 0 dBm0; unloaded
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to −50 dBm0
Signal-to-Noise and Distortion at 0 dBm0
Refer to Figure 10
PGA = 0 dB
72
78.5
dB
300 Hz to 3400 Hz; fSAMP = 8 kHz
Total Harmonic Distortion at 0 dBm0
PGA = 0 dB
−89
−75
dB
300 Hz to 3400 Hz; fSAMP = 8 kHz
Intermodulation Distortion
−77
dB
PGA = 0 dB
Idle Channel Noise Crosstalk
−81
dBm0
PGA = 0 dB
DAC-to-ADC
−73
dB
ADC input signal level: AGND;
DAC output signal level: 1.0 kHz, 0 dBm0
Input amplifiers bypassed
−74
dB
Input amplifiers included in input channel
DAC-to-DAC
−102
dB
DAC1 output signal level: AGND; DAC2
Output signal level: 1.0 kHz, 0 dBm0
Power Supply Rejection
−65
dB
Input signal level at AVDD and DVDD pins:
1.0 kHz, 100 mV p-p sine wave
Group Delay3, 4
25
µs
Interpolator bypassed
50
µs
Output DC Offset1, 6
−50
+5
+60
mV
Minimum Load Resistance, RL1, 7
Single-Ended3
150
Differential
150
Maximum Load Capacitance, CL1, 7
Single-Ended
500
pF
Differential
100
pF
FREQUENCY RESPONSE
(ADC and DAC)8 Typical Output
Frequency (Normalized to FS)
0
0
dB
0.03125
−0.1
dB


Similar Part No. - AD73322LARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LARU AD-AD73322LARU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com