Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC101KN Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC101KN
Description  Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC101KN Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VFC101KN Datasheet HTML 1Page - Burr-Brown (TI) VFC101KN Datasheet HTML 2Page - Burr-Brown (TI) VFC101KN Datasheet HTML 3Page - Burr-Brown (TI) VFC101KN Datasheet HTML 4Page - Burr-Brown (TI) VFC101KN Datasheet HTML 5Page - Burr-Brown (TI) VFC101KN Datasheet HTML 6Page - Burr-Brown (TI) VFC101KN Datasheet HTML 7Page - Burr-Brown (TI) VFC101KN Datasheet HTML 8Page - Burr-Brown (TI) VFC101KN Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
VFC101
®
TYPICAL PERFORMANCE CURVES
At +25
°C, ±V
CC = 15VDC, and in circuit of Figure 1, unless otherwise specified.
QUIESCENT CURRENT vs TEMPERATURE
Ambient Temperature (°C)
25
–75
–50
–25
0
50
75
100
125
20
15
10
5
0
+I
CC
–I
CC
REFERENCE VOLTAGE vs REFERENCE LOAD CURRENT
Output Current (mA)
0
5.01
5
4.99
4.98
4.97
4.96
5
10
15
20
25
30
Short Circuit
Current Limit
0.03
0.02
0.01
0
3
2
1
0
0
500k
1M
f
FS – Full Scale Frequency (Hz)
Gain Error
Nonlinearity
NONLINEARITY AND GAIN ERROR
vs FULL-SCALE FREQUENCY
V
IN (V)
0.015
0.01
0.005
0
–0.005
0
2
4
6
8
10
NONLINEARITY vs V
IN
f
FS = 100kHz


Similar Part No. - VFC101KN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC100 TI1-VFC100 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC100AG BURR-BROWN-VFC100AG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC100BG BURR-BROWN-VFC100BG Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC100BG1 TI1-VFC100BG1 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC101KN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com