Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322LYST-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD73322LYST-REEL
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LYST-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD73322LYST-REEL Datasheet HTML 1Page - Analog Devices AD73322LYST-REEL Datasheet HTML 2Page - Analog Devices AD73322LYST-REEL Datasheet HTML 3Page - Analog Devices AD73322LYST-REEL Datasheet HTML 4Page - Analog Devices AD73322LYST-REEL Datasheet HTML 5Page - Analog Devices AD73322LYST-REEL Datasheet HTML 6Page - Analog Devices AD73322LYST-REEL Datasheet HTML 7Page - Analog Devices AD73322LYST-REEL Datasheet HTML 8Page - Analog Devices AD73322LYST-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Low Cost, Low Power CMOS
General-Purpose Dual Analog Front End
AD73322L
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Two 16-bit A/D converters
Two 16-bit D/A converters
Programmable input/output sample rates
78 dB ADC SNR
78 dB DAC SNR
64 kHz maximum sample rate
−90 dB crosstalk
Low group delay (25 µs typ per ADC channel, 50 µs typ per
DAC channel)
Programmable input/output gain
Flexible serial port allows up to 4 dual codecs to be
connected in cascade, giving 8 I/O channels
Single-supply operation (2.7 V to 3.3 V)
50 mW typ power consumption at 3.0 V
Temperature range: −40°C to +105°C
On-chip reference
28-lead SOIC, TSSOP, and 44-lead LQFP packages
APPLICATIONS
General-purpose analog I/O
Speech processing
Cordless and personal communications
Telephony
Active control of sound and vibration
Data communications
Wireless local loop
GENERAL DESCRIPTION
The AD73322L is a dual front-end processor for general-
purpose applications, including speech and telephony. It
features two 16-bit A/D conversion channels and two 16-bit
D/A conversion channels. Each channel provides 78 dB signal-
to-noise ratio over a voice-band signal bandwidth. It also
features an input-to-output gain network in both the analog
and digital domains. This is featured on both codecs and can
be used for impedance matching or scaling when interfacing to
subscriber line interface circuits (SLICs).
The AD73322L is particularly suitable for a variety of appli-
cations in the speech and telephony area, including low bit rate,
high quality compression, speech enhancement, recognition,
and synthesis. The low group delay characteristic of the part
makes it suitable for single or multichannel active control
applications.
FUNCTIONAL BLOCK DIAGRAM
SDOFS
ADC CHANNEL 1
REFERENCE
DAC CHANNEL 1
ADC CHANNEL 2
DAC CHANNEL 2
SPORT
AVDD1
AVDD2
DVDD
VFBP1
VINP1
VINN1
VFBN1
VFBP2
VINP2
VINN2
VFBN2
VOUTP2
VOUTN2
AGND1 AGND2
DGND
SDO
MCLK
RESET
SE
SCLK
SDIFS
SDI
AD73322L
VOUTP1
VOUTN1
REFCAP
REFOUT
Figure 1.
The A/D and D/A conversion channels feature programmable
input/output gains with ranges of 38 dB and 21 dB, respectively.
An on-chip reference voltage allows single-supply operation.
The sampling rate of the codecs is programmable with four
separate settings offering 64 kHz, 32 kHz, 16 kHz, and 8 kHz
sampling rates (from a master clock of 16.384 MHz).
A serial port (SPORT) allows easy interfacing of single or
cascaded devices to industry-standard DSP engines. The
SPORT transfer rate is programmable to allow interfacing to
both fast and slow DSP engines.
The AD73322L is available in 28-lead SOIC, 28-lead TSSOP,
and 44-lead LQFP packages.


Similar Part No. - AD73322LYST-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LYST AD-AD73322LYST Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LYST-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com