Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

658854613080 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 658854613080
Description  0.80mm SMT Male Shrouded Vertical Plug w. Chamfer 4.60mm Height WR-BTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

658854613080 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  658854613080 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 658854613080 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 658854613080 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 658854613080 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 658854613080 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
L1 ±0,20
L ±0,30
5 ±0,12
L2 ±0,12
0,90 ±0,05
1
2
End
r 0,12
Pl ±0,20
0,80 ±0,15
0,30 ±0,15
6,70 ±0,10
1
1,65
Properties
Value
Unit
Pins
80
Pin to Pin (Middle)
Pl
31.2
mm
Length
L
37.8
mm
Length
L1
36.2
mm
Length
L2
32.9
mm
Article Properties:
Recommended Land Pattern: [mm]
l1 ±0,08
General tolerance ±0,05
1
2
End
pl ±0,03
0,50 ±0,03
0,80 ±0,03
Properties
Value
Unit
Pin to Pin (Middle)
pl
31.2
mm
Length
l1
36.2
mm
Pattern Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
ATo
DIN ISO 2768-1m
DESCRIPTION
0.80mm SMT Male Shrouded
Vertical Plug w. Chamfer 4.60mm
Height WR-BTB
ORDER CODE
658854613080
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.003
Valid
2017-08-24
eiCan
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 658854613080

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
658855603040 WURTH-658855603040 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658855603040 WURTH-658855603040 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658855603100 WURTH-658855603100 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658855603100 WURTH-658855603100 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658857603080 WURTH-658857603080 Datasheet
246Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 7.60mm Height WRBTB
More results

Similar Description - 658854613080

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
658803713080 WURTH-658803713080 Datasheet
254Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 3.75mm Height WR-BTB
658807713040 WURTH-658807713040 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658807713100 WURTH-658807713100 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658807713080 WURTH-658807713080 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658801103040 WURTH-658801103040 Datasheet
250Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB
658801103080 WURTH-658801103080 Datasheet
250Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB
658855603040 WURTH-658855603040 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658855603100 WURTH-658855603100 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658857603080 WURTH-658857603080 Datasheet
246Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 7.60mm Height WRBTB
658101003064 WURTH-658101003064 Datasheet
259Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 10.30mm Height WR-BTB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com