Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4230 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040-S4230
Description  Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4230 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67040-S4230 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4230 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SKP06N60
SKB06N60
7
Mar-00
0A
3A
6A
9A
12A
15A
0.0m J
0.2m J
0.4m J
0.6m J
0.8m J
E
on*
E
off
E
ts*
0
50
100
150
0.0m J
0.2m J
0.4m J
0.6m J
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, RG = 50
Ω)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, IC = 6A)
0°C
50°C
100°C
150°C
0.0m J
0.1m J
0.2m J
0.3m J
0.4m J
E
ts*
E
on*
E
off
1µs
10µs 100µs
1m s
10m s 100m s
1s
10
-3
K/W
10
-2
K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 6A, RG = 50
Ω)
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C1=
τ
1 / R 1
R1
R2
C2=
τ
2 / R 2
R
,( K/ W )
τ , (s ) =
0.705
0.0341
0.561
3.74E-3
0.583
3.25E-4


Similar Part No. - Q67040-S4230

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4230 INFINEON-Q67040-S4230 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - Q67040-S4230

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60 INFINEON-SKP10N60 Datasheet
319Kb / 14P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Aug-99
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com