Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018008VSC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z8018008VSC
Description  ENHANCED Z180 MICROPROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018008VSC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z8018008VSC Datasheet HTML 7Page - Zilog, Inc. Z8018008VSC Datasheet HTML 8Page - Zilog, Inc. Z8018008VSC Datasheet HTML 9Page - Zilog, Inc. Z8018008VSC Datasheet HTML 10Page - Zilog, Inc. Z8018008VSC Datasheet HTML 11Page - Zilog, Inc. Z8018008VSC Datasheet HTML 12Page - Zilog, Inc. Z8018008VSC Datasheet HTML 13Page - Zilog, Inc. Z8018008VSC Datasheet HTML 14Page - Zilog, Inc. Z8018008VSC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-11
1
/NMI. Non-maskable Interrupt (Input, negative edge trig-
gered). /NMI has a higher priority than /INT and is always
recognized at the end of an instruction, regardless of the
state of the interrupt enable flip-flops. This signal forces
CPU execution to continue at location 0066H.
/RD. ReOpcoded (Output, active Low, tri-state). /RD indi-
cated that the CPU wants to read data from memory or an
I/O device. The addressed I/O or memory device should
use this signal to gate data onto the CPU data bus.
/RFSH. Refresh (Output, active Low). Together with
/MREQ, /RFSH indicates that the current CPU machine
cycle and the contents of the address bus should be used
for refresh of dynamic memories. The low order 8 bits of
the address bus (A7 - A10) contain the refresh address.
This signal is analogous to the /REF signal of the
Z64180.
/RTS0. Request to Send 0 (Output, active Low). This is a
programmable modem control signal for ASCI channel 0.
RXA0, RXA1. Receive Data 0 and 1 (Input, active High).
These signals are the receive data to the ASCI channels.
RXS. Clocked Serial Receive Data (Input, active High).
This line is the receiver data for the CSIO channel. RXS is
multiplexed with the /CTS1 signal for ASCI channel 1.
ST. Status (Output, active High). This signal is used with
the /M1 and /HALT output to decode the status of the CPU
machine cycle.
/TEND0, /TEND1. Transfer End 0 and 1 (Outputs, active
Low). This output is asserted active during the last write
cycle of a DMA operation. It is used to indicate the end of
the block transfer. /TEND0 is multiplexed with CKA1.
TEST. Test (Output, not in DIP version). This pin is for test
and should be left open.
TOUT. Timer Out (Output, active High). TOUT is the pulse
output from PRT channel 1. This line is multiplexed with
A18 of the address bus.
TXA0, TXA1. Transmit Data 0 and 1 (Outputs, active
High). These signals are the transmitted data from the
ASCI channels. Transmitted data changes are with re-
spect to the falling edge of the transmit clock.
TXS. Clocked Serial Transmit Data (Output, active High).
This line is the transmitted data from the CSIO channel.
/WAIT. Wait (Input, active Low). /WAIT indicated to the
MPU that the addressed memory or I/O devices are not
ready for a data transfer. This input is sampled on the fall-
ing edge of T2 (and subsequent wait states). If the input is
sampled Low, then the additional wait states are inserted
until the /WAIT input is sampled high, at which time execu-
tion will continue.
/WR. Write (Output, active Low, tri-state). /WR indicated
that the CPU data bus holds valid data to be stored at the
addressed I/O or memory location.
XTAL. Crystal (Input, active High). Crystal oscillator con-
nection. This pin should be left open if an external clock is
used instead of a crystal. The oscillator input is not a TTL
level (reference DC characteristics).
Several pins are used for different conditions, depending
on the circumstance.
Multiplexed Pin Descriptions
Table 3. Status Summary
ST
/HALT
/M1
Operation
0
1
0
CPU Operation
(1st opcode fetch)
1
1
0
CPU Operation (2nd opcode and
3rd Opcode fetch)
1
1
1
CPU Operation
(MC except for Opcode fetch)
0
X
1
DMA Operation
0
0
0
HALT Mode
1
0
1
SLEEP Mode
(including SYSTEM STOP Mode)
Notes:
X = Reserved
MC = Machine Cycle
A18 / /TOUT
During RESET, this pin is initialized as
A18 pin. If either TOC1 or TOC0 bit of
the Timer Control Register (TCR) is set
to 1, TOUT function is selected. If
TOC1 and TOC0 are cleared to 0, A18
function is selected.
CKA0 / /DREQ0
During RESET, this pin is initialized as
CKA0 pin. If either DM1 or SM1 in
DMA Mode Register (DMODE) is set to
1, /DREQ0 function is always selected.
CKA1 / /TEND0
During RESET, this pin is initialized as
CKA1 pin. If CKA1D bit in ASCI control
register ch1 (CNTLA1) is set to 1,
/TEND0 function is selected. If CKA1D
bit is set to 0, CKA1 function is
selected.
RXS / /CTS1
During RESET, this pin is initialized as
RXS pin. If CTS1E bit in ASCI status
register ch1 (STAT1) is set to 1, /CTS1
function is selected. If CTS1E bit is set
to 0, RXS function is selected.


Similar Part No. - Z8018008VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8018008VSC ZILOG-Z8018008VSC Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z8018008VSC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030 Datasheet
3Mb / 602P
   ENHANCED 32-BIT MICROPROCESSOR
logo
PHOENIX CONTACT
1438532 PHOENIX-1438532 Datasheet
42Kb / 2P
   SAC-3P-M12MS/5,0-PUR/B-1L-Z180
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com