Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA00HD Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # CA00HD
Description  AC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CA00HD Datasheet(HTML) 2 Page - Willow Technologies Ltd

  CA00HD Datasheet HTML 1Page - Willow Technologies Ltd CA00HD Datasheet HTML 2Page - Willow Technologies Ltd CA00HD Datasheet HTML 3Page - Willow Technologies Ltd CA00HD Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
CA\042003\Q1
Series CA
INPUT (CONTROL) SPECIFICATIONS
3 TERMINAL CONFIGURATION (SEE FIG. 1)
Min
Max
Units
Bias Voltage
3.8
32
Vdc
Bias Current (V
IN=32 Vdc)
16
mA
(See Figure 2)
Control Voltage Range
0
18
Vdc
Control Current (at 5 Vdc)
250
µAdc
Turn-On Control Voltage
0.3
Vdc
Turn-Off Control Voltage
3.2
Vdc
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Output Current Rating (See Figure 3)
0.1
1.0
Arms
Output Voltage Rating
20
250
Vrms
Frequency Range
40
440
Hz
Output Voltage Drop @ 1 Amp
1.5
Vrms
Off-State Leakage Current
1.0
mArms
(250 Vac, 400 Hz)
Turn-On Time
1/2
Cycle
Turn-Off Time
1
Cycle
Transient Voltage (T < 5 s) (see Note 4)
+500
Vpk
Surge Current @ 25o C (16 ms)
5.6
Apk
Zero Voltage Turn-On Point
+18
Vpk
dv/dt (See Note 1)
100
V/µs
Load Power Factor
0.2
1
Insulation Resistance @ 500 Vdc
109
Ohms
Input to Output Capacitance
5
pF
Dielectric Withstanding Voltage (60Hz)
1200
Vac
Junction Temperature at Rated Current (T
J Max)
130
oC
Thermal Resistance Junction to Ambient (θ
JA)85
oC/W
• WEIGHT: 2 gm max
• CASE:
DIP, hermetically sealed, ceramic
• PINS:
Gold plated
ELECTRICAL SPECIFICATIONS
(-55°C TO +105°C UNLESS OTHERWISE SPECIFIED)
MECHANICAL SPECIFICATIONS
0.400 ± .015
(10.16 ± .38)
0.010 ± .002
(0.25 ± .05)
6 PLS
0.560
(14.22) MAX
0.395
(10.03)
16170
CA00HD
MAX
87
5
12
4
TOP INDEX MARK FOR PIN 1
SIDE INDEX MARK FOR PIN 1
LOT NUMBER AND DATE CODE
LOCATED ON THE BOTTOM SIDE
0.155
(3.94)
.150
± .015
6 PLS
0.100
(2.54)
0.300
(7.62)
0.125
(3.18)
0.016
(0.41
)
6 PLS
PCB STYLE MECHANICAL OUTLINE
0.018 ± .002
(0.46 ± .05)
6 PLS
MAX
+.010
–.005
+.25
–.13
PIN-OUTS
PIN NO.
FUNCTION
1
V(BIAS)
2
V(CNTRL)
4
LOAD
5
LOAD
7
N/C
8
INPUT COM.
0.010 ± .002
(0.25 ± .05)
6 PLS
0.020 MIN
6 PLS
0.560
(14.22) MAX
0.395
(10.03)
16170
SCA00HD
MAX
87
5
12
4
TOP INDEX MARK FOR PIN 1
SIDE INDEX MARK FOR PIN 1
LOT NUMBER AND DATE CODE
LOCATED ON THE BOTTOM SIDE
0.155
(3.94)
0.100
(2.54)
0.300
(7.62)
0.125
(3.18)
0.020
(0.51)
6 PLS
SMT STYLE MECHANICAL OUTLINE
0.018 ± .002
(0.46 ± .05)
6 PLS
MAX
0.477
(12.12
)
+.010
–.005
+.25
–.13
PIN-OUTS
PIN NO.
FUNCTION
1
V(BIAS)
2
V(CNTRL)
4
LOAD
5
LOAD
7
N/C
8
INPUT COM.
TOLERANCES: .XX= ± .010 (± .25), .XXX= ± .005 (± .13)
DIMENSION STYLES: XXX= INCHES (XXX)= MILLIMETERS
CONTROLLING DIMENSIONS ARE IN INCHES. METRIC
DIMENSIONS ARE SUPPLIED FOR REFERENCE PURPOSES ONLY.
0.066
(1.68)
0.025
(0.64)
0.390
(9.91)
SURFACE MOUNT LAND PATTERN
0.300
(7.62)
TYP
0.100
(2.54)
TYP
0.522
(13.26)
REF
MIN. 6 PLS
MIN. 6 PLS


Similar Part No. - CA00HD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
logo
Ultralife Corporation.
CA0001 ULTRALIFE-CA0001 Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
logo
Vishay Siliconix
CA0001 VISHAY-CA0001 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CA00011K000JE66001 VISHAY-CA00011K000JE66001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA00011K000JE66002 VISHAY-CA00011K000JE66002 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
More results

Similar Description - CA00HD

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com