Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM84-2322-25-1005 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # DM84-2322-25-1005
Description  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM84-2322-25-1005 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DM84-2322-25-1005 Datasheet HTML 1Page - Willow Technologies Ltd DM84-2322-25-1005 Datasheet HTML 2Page - Willow Technologies Ltd DM84-2322-25-1005 Datasheet HTML 3Page - Willow Technologies Ltd DM84-2322-25-1005 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
8 × Ø 1,3
2,5 × 2,5
55
15
6 × Ø 1,3
2,5 × 2,5
520
DM84
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 4 of 4
American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516
see Tables 1, 2
Relays DM84 are designed for: • direct PCB mounting
• screw terminals plug-in sockets DZT80 and DZM80
with clip DZT80-0040, 35 mm DIN rail mount, EN 50022
or on panel mounting. Signalling / protecting modules
type DM... are available with sockets
• plug-in sockets for PCB mounting DW80 and DC50
with clip DH16-2.
Mounting
Mounting openings raster
(solder side view)
2C/O
2NO
Ordering codes
Type
Contact
material
Contact number &
arrangement
Cover protection
category
Connection mode
Coil code
Contact number & arrangement
12 - 2C/O
22 - 2NO
Examples of ordering codes:
DM84 - 3012 - 25 - 1012
relay DM84, contact material AgSnO2, with two changeover contacts, in cover IP 40,
for PCB and sockets, voltage version 12 V DC
Contact material
20 - AgNi
23 - AgNi/Au 5
m
30 - AgSnO2
Connection mode
5 - for PCB and sockets
Cover protection category
2 - in cover, IP 40 version
3 - in cover, IP 67 waterproof version


Similar Part No. - DM84-2322-25-1005

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
TOKYO SEIMITSU CO., LTD
DM84071 ACCRETECH-DM84071 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
More results

Similar Description - DM84-2322-25-1005

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com