Electronic Components Datasheet Search |
|
DM41NIL-1011-35-5012 Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
DM41NIL-1011-35-5012 Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 3 page Page 1 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 DM41 pcb power relay Contacts Contact number & arrangement SPST-NO (1 N/O), SPDT ( 1 C/O) Contact material AgCdO, AgSnO 2 Max. switching voltage AC/DC 240VAC / 28VDC Min. switching current / voltage 1mA/1VDC Rated load AC1 10A, 240VAC DC1 10A, 28VDC Initial resistance 100mΩ, max. at 0.1A/6VDC Coil Rated voltage DC 3...48V AC 6V...230V Must release voltage DC ≥ 0.1Un AC ≥ 0.3Un Operating range of supply voltage See coil tables 1 and 2 Rated power consumption DC 0.53W AC 1.0VA Insulation Insulation resistance ≤ 100MΩ at 500VDC, 50%RH Dielectric strength coil to contact 5000Vrms, 1min contact to contact 1000Vrms, 1min General Data Operating time (typical) mS ≤ 20ms Release time (typical) mS ≤ 10ms Electrical Life ops ≥ 1 x 105 Mechanical life ops ≥ 1 x 107 Dimensions L x W x H 29 x 13 x 25.3mm Weight 17g Ambient temperature storage -55 to 70°C operating -55 to 70°C Shock resistance Functional: 10g 11mS; Destructive: 100g Vibration resistance DA 1.5mm 10-55Hz • miniature pcb power relay • Up to 10A /28VDC rating • industry standard style • Cost effective • RoHS Compliant Ref: DM41 020817JHM E325835 |
Similar Part No. - DM41NIL-1011-35-5012 |
|
Similar Description - DM41NIL-1011-35-5012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |