Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM41L-3011-25-5006 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DM41L-3011-25-5006
Description  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM41L-3011-25-5006 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DM41L-3011-25-5006 Datasheet HTML 1Page - Willow Technologies Ltd DM41L-3011-25-5006 Datasheet HTML 2Page - Willow Technologies Ltd DM41L-3011-25-5006 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM41
pcb power relay
Ref: DM41 020817JHM
Coil Data (DC voltage)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1003
3
17
2.25
0.3
1005
5
47
3.75
0.5
1006
6
68
4.50
0.6
1009
9
152
6.75
0.9
1012
12
272
9.00
1.2
1018
18
610
13.5
1.8
1024
24
1087
18.00
2.4
1048
48
4347
36.00
4.8
1110
110
22830
82.5
11.0
Coil Data (AC voltage 50/60Hz)
Table 2
Coil Voltage Code
Nominal Voltage
(VAC)
Coil Resistance (Ω)
±10%
Must operate volt-
age max. (VAC)
Must release volt-
age min. (VAC)
Max. allowable
voltage (VAC)
5006
6
16
4.8
1.8
6.6
5012
12
63
9.6
3.6
13.2
5024
24
253
19.2
7.2
26.4
5115
115
5819
88.0
34.5
126.5
5220
220
21296
176
66
242
5230
230
23276
184
69
253
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
M
4
1
-
0
1
-
5
-
Footprint style
Nil
-
3.5mm pitch
L
-
5mm pitch
Contact material
see Tables 1 & 2
10
-
AgCdO
30
-
AgSnO
2
Contact arrangement
11
-
SPDT (1 C/O)
21
-
SPST-NO (1N/O)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Other coil voltages are available on request
.


Similar Part No. - DM41L-3011-25-5006

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM41 AEC-DM41 Datasheet
249Kb / 3P
   pcb power relay
logo
Murata Manufacturing Co...
DM4100D MURATA-DM4100D Datasheet
393Kb / 8P
   Micro-Bussable 4쩍-Digit DPM with 3-State BCD Outputs
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM4101L MURATA-DM4101L Datasheet
242Kb / 6P
   4쩍-Digit DPM with BCD Outputs
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
More results

Similar Description - DM41L-3011-25-5006

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com