Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1003451251 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1003451251
Description  zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1003451251 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1003451251 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1003451251
Status:
Active
Overview:
zQSFP+® Interconnect System
Description:
zQSFP+™-to-4 zSFP+® Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG,
2.5m Length
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
100345
Assembly Configuration
Dual Ended Connectors
Connector to Connector
zQSFP+-to-zSFP+
Overview
zQSFP+® Interconnect System
Product Literature Order No
987651-5951
Product Name
zQSFP Plus, zQSFP+, zSFP Plus, zSFP+
UPC
889056358767
Physical
Cable Length
2.50m
Circuits (Loaded)
38 TO 20
Gender
Plug/Plug
Lock to Mating Part
Yes
Material - Metal
Zinc Die Cast
Net Weight
407.300/g
Packaging Type
Bag
Single Ended
No
Wire Size AWG
30
Wire/Cable Type
Temp-Flex® Twin-ax
Electrical
Impedance
100Ω
Material Info
Reference - Drawing Numbers
Sales Drawing
1003450001-000
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
100345 Series
This document was generated on 11/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1003451251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1003451251 MOLEX-1003451251 Datasheet
783Kb / 3P
   ZQSFP TO 4ZSFP 25G CBL ASSY
2018/11/08
More results

Similar Description - 1003451251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1003451151 MOLEX1-1003451151 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451203 MOLEX1-1003451203 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451303 MOLEX1-1003451303 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451101 MOLEX1-1003451101 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451253 MOLEX1-1003451253 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451051 MOLEX1-1003451051 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451153 MOLEX1-1003451153 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451201 MOLEX1-1003451201 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451301 MOLEX1-1003451301 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003453301 MOLEX1-1003453301 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 26 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com