Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNC-SR-3-CF Datasheet(PDF) 11 Page - DDK Ltd.

Part # TNC-SR-3-CF
Description  TNC Style Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-SR-3-CF Datasheet(HTML) 11 Page - DDK Ltd.

Back Button TNC-SR-3-CF Datasheet HTML 7Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 8Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 9Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 10Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 11Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 12Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 13Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 14Page - DDK Ltd. TNC-SR-3-CF Datasheet HTML 15Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Assembly Instruction(3)
Body
Sleeve
Boot
Contact assembly
19
Outer Conductor
Sheath
Boot
Sleeve
Cable
7
4
4
10
Insulator
Cente Conductor
(Cut off afterpre-soldering)
Outer Conductor
Aluminum foil tape
Body
Boot
Sleeve
1
Contact assembly
Soldering
Body
Sleeve
Boot
Contact assembly
19
Outer Conductor
Sheath
Boot
Sleeve
Cable
7
4
4
10
Insulator
Cente Conductor
(Cut off afterpre-soldering)
Outer Conductor
Aluminum foil tape
Body
Boot
Sleeve
1
Contact assembly
Soldering
① Insert the boot and sleeve into the cable and
cut the cable as fig.1. Please be careful to not
damage the outer conductor.
② Cut the cable as fig.2. Cut the center conductor
after pre-soldering.
③ Insert the contact between outer conductor and
aluminum foil tape. Solder the contact with
center conductor.
When the solder is stick out, please shave
the extra solder along the contact.
④ Cover the sleeve on the outer conductor and
crimp as fig.4. Crimp Tool : (CR-H-1105)
⑤ Insert the above contact into the body and
screw. Cover the boot on the root of the body.
11
Parts Configulration


Similar Part No. - TNC-SR-3-CF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-6 PREMO-TNC-15-6 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNC-SR-3-CF

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
46_TNC-50-0-1133_N HUBERSUHNER-46_TNC-50-0-1133_N Datasheet
518Kb / 2P
   COAXIAL ADAPTER, TNC, 50 Ohm, T-style, 3 jacks (female)
logo
Adam Technologies, Inc.
RF7-17-T-00-50 ADAM-TECH-RF7-17-T-00-50 Datasheet
133Kb / 1P
   TNC FEMALE CONNECTOR
logo
Huber+Suhner, Inc.
53_TNC-50-0-1133_N HUBERSUHNER-53_TNC-50-0-1133_N Datasheet
497Kb / 2P
   COAXIAL ADAPTER, TNC, 50 Ohm, L-style, plug / jack (male / female)
logo
DDK Ltd.
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
   SMB Style Connector
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
   TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
logo
DDK Ltd.
N-SERIES DDK-N-SERIES Datasheet
321Kb / 12P
   N Style Coaxial Connector
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
   RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470_16 Datasheet
324Kb / 3P
   TNC Male Connector Solder Attachment
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
   BNC-TNC Connector Gage Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com