Selected language     English  ā–¼


STK12C68-5L45M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5L45M
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 6 page
background image
STK12C68-M
4-58
28
t
AVAV
t
RC
STORE/RECALL Initiation Cycle Time
35
45
55
ns
29
t
ELQZ
p
Chip Enable to Output Inactive
85
85
85
ns
30
tAVELN
tAE
Address Set-up to Chip Enable
0
0
0
ns
31
tELEHN
q,r
tEP
Chip Enable Pulse Width
25
35
45
ns
32
tEHAXN
tEA
Chip Disable to Address Change
0
0
0
ns
SOFTWARE STORE/RECALL CYCLE q,r,t
ADDRESS
E
DQ(Data Out)
VALID
ADDRESS #6
ADDRESS #1
VALID
HIGH IMPEDANCE
28
tAVAV
28
tAVAV
30
tAVELN
31
tELEHN
32
tEHAXN
23
tSTORE
22
tRECALL
29
tELQZ
ADDRESS #2
Std.
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
NO.
PARAMETER
UNITS
SYMBOLS
STK12C68-40M
STK12C68-45M
STK12C68-55M
Note p: Once the software
STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
Note q: Noise on the E pin may trigger multiple read cycles from the same address and abort the address sequence.
Note r: If the Chip Enable Pulse Width is less than tELQV (see READ CYCLE #2) but greater than or equal to tELEHN, then the data may not be valid at the end
of the low pulse, however the
STORE or RECALL will still be initiated.
Note s: W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW throughout.
Addresses #1 through #6 are found in the MODE SELECTION table. Address #6 determines whether the STK12C68-M performs a
STORE or RECALL.
Note t:
E must be used to clock in the address sequence for the Software
STORE and RECALL cycles.
SOFTWARE STORE/RECALL CYCLE
(VCC = 5.0V Ā± 10%)
d




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK14C8832K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE6508Integrated Circuit CMOS 1K Static RAM SRAM 1 2 3 4 NTE Electronics
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK15C8832K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-C208k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK25CA8128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-IMCMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl