Selected language     English  ā–¼


STK12C68-5C55M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5C55M
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
STK12C68-M
4-56
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
35
45
55
ns
13
t
WLWH
t
WLEH
t
WP
Write Pulse Width
30
35
45
ns
14
t
ELWH
t
ELEH
t
CW
Chip Enable to End of Write
30
35
45
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
18
20
25
ns
16
tWHDX
tEHDX
tDH
Data Hold After End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
30
35
45
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
t
WHAX
t
EHAX
t
WR
Address Hold After End of Write
0
0
0
ns
20
t
WLQZ
h,j
t
WZ
Write Enable to Output Disable
17
20
25
ns
21
tWHQX
tOW
Output Active After End of Write
5
5
5
ns
WRITE CYCLE #1: W CONTROLLED i
WRITE CYCLE #2: E CONTROLLED i
WRITE CYCLES #1 & #2
PREVIOUS DATA
ADDRESS
E
W
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
12
tAVAV
14
tELWH
19
tWHAX
17
tAVWH
18
tAVWL
13
tWLWH
15
tDVWH
16
tWHDX
20
tWLQZ
21
tWHQX
ADDRESS
E
W
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
12
tAVAV
18
tAVEL
14
tELEH
19
tEHAX
17
tAVEH
13
tWLEH
15
tDVEH
16
tEHDX
SYMBOLS
STK12C68-40M
STK12C68-45M
STK12C68-55M
NO.
PARAMETER
UNITS
Note h: Measured
Ā±200mV from steady state output voltage.
Note i:
E or W must be
ā‰„ V
IH during address transitions.
Note j:
If W is low when E goes low, the outputs remain in the high impedance state.
(V
CC = 5.0V Ā± 10%)
d




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK14C8832K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE6508Integrated Circuit CMOS 1K Static RAM SRAM 1 2 3 4 NTE Electronics
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK15C8832K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-C208k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK25CA8128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-IMCMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl