Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC-1110U-I Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ISC-1110U-I
Description  Industrial RS-422/485 repeater
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1110U-I Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ISC-1110U-I Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1110U-I Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1110U-I Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
www.oring-networking.com
2-48
ISC-1212-I
Industrial RS-422/485 repeater with 3KV isolation
Automatic internal RS-422/485 bus supervision
No external flow control signals required for RS-485
Serial type support auto detect and switch
Supported baud rate up to 115.2Kbps
Reach distance up to 4000 feet (1200m)
Support multiple baud rate and multiple data format
Reserved space for termination resistors (R8,R9)
Power and data flow indicator for troubleshooting
Power requirement : +9 ~ 30VDC
DIN-Rail and wall mounting enabled
Introduction
Connections of RS-422/485 Repeater
The ISC-1212-I is a RS-422/485 repeater which boosts the RS-422/485 signals to extend the reach distance up to 4000 ft (1200m) and increase the
maximum number of connection up to 128 nodes. With a special circuitry, ISC-1212-I is able to automatically detect the data flow and switch the direction
of the data lines accordingly. “Auto baud rate detector” enables ISC-1212-I to automatically configure RS-422/485 signals to any baud rate without external
switch setting. Build in opto-isolations on ISC-1212-I provides 3000VDC of isolation to protect the host computer from destructive voltage spikes on the RS-
422/485 data lines. ISC-1212-I also offers internal surge-protection on the data lines. The internal high-speed transient suppressors on each data line protect
the module from dangerous voltages levels or spikes. Therefore, the ISC-1212-I is a reliable RS-422/485 repeater and can satisfy most demand of operating
environment.
Features
v1.5 / Dec, 2011
Industrial Media Converter Serial to Serial Media Converter


Similar Part No. - ISC-1110U-I

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-1112 ORING-ISC-1112 Datasheet
719Kb / 3P
   Industrial RS-232 to RS-422/485 Serial Media Converter
ISC-1112-I ORING-ISC-1112-I Datasheet
719Kb / 3P
   Industrial RS-232 to RS-422/485 Serial Media Converter
More results

Similar Description - ISC-1110U-I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-485OPDR ADVANTECH-BB-485OPDR Datasheet
283Kb / 1P
   RS-422/485 Repeater, Industrial
27-Nov-2019
BB-485OPDRI ADVANTECH-BB-485OPDRI Datasheet
480Kb / 2P
   Industrial Isolated RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
   RS-422/485 Repeater
26-Mar-2021
RS-422 ADVANTECH-RS-422 Datasheet
194Kb / 2P
   Heavy Industrial RS-422/485 Isolated Repeater
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
logo
National Semiconductor ...
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
   RS-485/RS-422 Differential Bus Repeater
logo
Advantech Co., Ltd.
BB-485LDRC9 ADVANTECH-BB-485LDRC9 Datasheet
419Kb / 1P
   RS-422/485 Converter, Industrial
8-Apr-2021
ULI-234TCL ADVANTECH-ULI-234TCL Datasheet
1Mb / 4P
   Optically Isolated RS-422/485 Repeater/Extender
19-Oct-2022
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
   High-Speed, Isolated RS-422/485 Repeater
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com