Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1AW Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # ES1AW
Description  Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES1AW Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  ES1AW Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES1AW Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A070
Rev. 1.2, 28-Apr-14
www.21yangjie.com
ES1AW THRU ES1JW
超快恢复二极管 Super Fast Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●Io
1.0A
●VRRM
50V-600V
●耐正向浪涌电流能力高
●High surge current capability
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symb
ol
单位
Unit
条件
Conditions
ES1
AW BW CW DW FW
GW HW JW
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
150
200
300
400
500
600
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=50℃
60Hz Half-sine wave, Resistance
load, Ta=50℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
30
结温
Junction Temperature
TJ
-55~+125
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
ES1
AW
BW CW DW FW GW
HW JW
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=1.0A
0.95
1.3
1.7
反向峰值电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
5
I
RRM2
Ta=125℃
50
反向恢复时间
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
35
热阻(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
55
结电容
Typical junction capacitance
Cj
pF
Measured at 1MHZ and Applied
Reverse Voltage of 4.0 V.D.C.
40
25
COMPLIANT
RoHS


Similar Part No. - ES1AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1AW PANJIT-ES1AW Datasheet
103Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1AW YFWDIODE-ES1AW Datasheet
82Kb / 3P
   Surface MountSuperfast Recovery Rectifier
logo
Xian Semipower Electron...
ES1AW SEMIPOWER-ES1AW Datasheet
132Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Zibo Seno Electronic En...
ES1AW ZSELEC-ES1AW Datasheet
146Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
Nantong Hornby Electron...
ES1AW HORNBY-ES1AW Datasheet
250Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ES1AW

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com