Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7460 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7460
Description  dB COOL Remote Thermal Controller and Fan Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7460 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7460 Datasheet HTML 3Page - Analog Devices ADT7460 Datasheet HTML 4Page - Analog Devices ADT7460 Datasheet HTML 5Page - Analog Devices ADT7460 Datasheet HTML 6Page - Analog Devices ADT7460 Datasheet HTML 7Page - Analog Devices ADT7460 Datasheet HTML 8Page - Analog Devices ADT7460 Datasheet HTML 9Page - Analog Devices ADT7460 Datasheet HTML 10Page - Analog Devices ADT7460 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
REV. 0
TypicalPerformanceCharacteristics–ADT7460
–7–
LEAKAGE RESISTANCE – M
15
10
–20
1
3.3
100
10
30
0
–5
–10
–15
5
DXP TO GND
DXP TO VCC (3.3V)
TPC 1. Temperature Error vs.
Leakage Resistance
TEMPERATURE – C
–3
–40
10
110
60
1
0
–2
–1
3
2
LOW LIMIT
HIGH LIMIT
–3 SIGMA
+3 SIGMA
TPC 4. Local Temperature Error vs.
Actual Temperature
1.9
1.8
1.8
1.7
1.7
1.6
1.6
1.5
1.5
1.4
1.4
2.5
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.5
SUPPLY VOLTAGE – V
TPC 7. Supply Current vs.
Supply Voltage
DXP–DXN CAPACITANCE – nF
3
1
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
2.2
3.3
4.7
10
22
47
–30
–33
–36
REMOTE TEMPERATURE
ERROR ( C)
TPC 2. Temperature Error vs.
Capacitance between D+ and D–
FREQUENCY – Hz
14
12
–2.0
100k
550k
50M
5M
6
4
0
2
10
8
100mV
250mV
TPC 5. Remote Temperature Error
vs. Power Supply Noise Frequency
FREQUENCY – Hz
16
60k
14
12
10
8
6
4
2
0
–2.0
110k
1M
10M
50M
10mV
20mV
TPC 8. Remote Temperature Error
vs. Differential Mode Noise
Frequency
TEMPERATURE – C
3
–40
2
1
0
–1
–2
–3
10
60
110
–3 SIGMA
+3 SIGMA
LOW LIMIT
HIGH LIMIT
TPC 3. Remote Temperature Error
vs. Actual Temperature
FREQUENCY – Hz
12.5
10.0
–5.0
100k
550k
50M
5M
5.0
2.5
–2.5
0
7.5
100mV
250mV
TPC 6. Local Temperature Error vs.
Power Supply Noise Frequency
FREQUENCY – Hz
40
10k
35
30
25
20
15
10
5
0
–5
–10
100k
1M
10M
20mV
40mV
100mV
TPC 9. Remote Temperature Error
vs. Common-Mode Noise
Frequency


Similar Part No. - ADT7460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7460 ONSEMI-ADT7460 Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7460ARQZ ONSEMI-ADT7460ARQZ Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7460ARQZ-REEL ONSEMI-ADT7460ARQZ-REEL Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
More results

Similar Description - ADT7460

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7463 AD-ADT7463 Datasheet
719Kb / 52P
   dB COOL Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com