Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2GA Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # HS2GA
Description  High Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HS2GA Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  HS2GA_17 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HS2GA_17 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S064
Rev. 1.1, 28-Apr-14
www.21yangjie.com
HS2AA THRU HS2MA
高效整流二极管 High Efficient Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
2A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
HS2
AA
BA
DA
FA
GA
JA
KA
MA
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
300
400
600
800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正 弦 半 波 60Hz , 电 阻 负 载 ,
TL=110℃
60HZ Half-sine wave, Resistance
load, TL =110℃
2.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波60Hz,
一个周期,
Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
50
结温
Junction
Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
HS2
AA
BA
DA
FA
GA
JA
KA
MA
正向峰值电压
Peak Forward Voltage
V
F
V
I
F =2.0A
1.0
1.3
1.7
最大反向恢复时间
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
50
75
反向漏电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta =25℃
5.0
I
RRM2
Ta =100℃
100
热阻(典型)
Thermal
Resistance(Typical)
R
θJ-A
/
W
结和环境之间
Between junction and ambient
80
1)
R
θJ-L
结和终端之间
Between junction and terminal
20
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.3" x 0.3" (8.0毫米 x 8.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
pad areas
Dim ensions in inches and (millimeters)
DO-214AC(SM A)
.187(4.75)
.167(4.25)
.111(2.83)
.094(2.40)
.062(1.58)
.049(1.25)
.091(2.30)
.075(1.90)
.056(1.41)
.030(0.76)
.008(0.20)
.003(0.08)
.012(0.31)
.006(0.15)
0.077(1.96)
0.220
(5.58)
M
(2.04)
.208(5.28)
.194(4.93)
COMPLIANT
RoHS


Similar Part No. - HS2GA_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2GA TSC-HS2GA Datasheet
53Kb / 2P
   1.5 AMPS. High Efficient Surface Mount Rectifiers
HS2GA TSC-HS2GA Datasheet
135Kb / 2P
   1.5 AMPS High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2GA YANGJIE-HS2GA Datasheet
145Kb / 2P
   High Efficient Rectifier
logo
Shenzhen Taychipst Elec...
HS2GA TAYCHIPST-HS2GA Datasheet
5Mb / 2P
   High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS2GA TSC-HS2GA Datasheet
376Kb / 4P
   High Efficient Surface Mount Rectifiers
More results

Similar Description - HS2GA_17

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com