Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5B Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # HS5B
Description  High Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HS5B Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  HS5B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HS5B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S068
Rev. 1.2, 28-Apr-14
www.21yangjie.com
HS5A THRU HS5M
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
图 5: 反向恢复时 间试验电路及测 试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
周波数
Number of Cycles
图2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
10
100
0
200
100
图3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
VF(V)
0.4
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
1.0
10
0.6
0.8
1.0
1.2
1.4
HS5A-D
HS5G
HS5J-M
0.1
100
1.6
1.8
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=100℃
0
20
40
60
80
100
0.1
1.0
10
100
1000
50
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
TL()
0
70
90
110
130
150
1.0
2.0
3.0
4.0
5.0
6.0
7.0


Similar Part No. - HS5B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5B TSC-HS5B Datasheet
52Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5B TSC-HS5B Datasheet
248Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5B TSC-HS5B Datasheet
438Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5B TSC-HS5B Datasheet
201Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5B LUGUANG-HS5B Datasheet
232Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com