Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5421R Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS5421R
Description  14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5421R Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS5421R Datasheet HTML 7Page - Burr-Brown (TI) ADS5421R Datasheet HTML 8Page - Burr-Brown (TI) ADS5421R Datasheet HTML 9Page - Burr-Brown (TI) ADS5421R Datasheet HTML 10Page - Burr-Brown (TI) ADS5421R Datasheet HTML 11Page - Burr-Brown (TI) ADS5421R Datasheet HTML 12Page - Burr-Brown (TI) ADS5421R Datasheet HTML 13Page - Burr-Brown (TI) ADS5421R Datasheet HTML 14Page - Burr-Brown (TI) ADS5421R Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS5421
11
SBAS237D
www.ti.com
FIGURE 4. Driving the ADS5421 with a Low-Distortion IF Amplifier and a Transformer Suited for IF Sampling Applications.
ADS5421
R
IN
R
S
R
IN
C
IN
0.1
µF
2.2
µF
R
T
1:n
IF
Amplifier
V
IN (IF)
IN
IN
CM
Optional
Bandpass
Filter
+
+5V
NOTE: Supply bypassing not shown.
XFR
TRANSFORMER-COUPLED, SINGLE-ENDED-TO-
DIFFERENTIAL CONFIGURATION
For applications in which the input frequency is limited to
approximately 10MHz (e.g., baseband), a high-speed opera-
tional amplifier may be used. The OPA847 is configured for the
noninverting mode; this amplifies the single-ended input signal
and drives the primary of a RF transformer (see Figure 5). To
maintain the very low distortion performance of the OPA847, it
may be advantageous to set the full-scale input range of the
ADS5421 to 3Vp-p or 2Vp-p (refer to the Reference section for
details on selecting the converter’s full-scale range).
The circuit also shows the use of an additional RC low-pass
filter placed in series with each converter input. This optional
filter can be used to set a defined corner frequency and
attenuate some of the wideband noise. The actual compo-
nent values would need to be tuned for individual application
requirements. As a guideline, resistor values are typically in
the range of 10
Ω to 50Ω, and capacitors in the range of 10pF
to 100pF. In any case, the RIN and CIN values should have
a low tolerance. This will ensure that the ADS5421 sees
closely matched source impedances.
FIGURE 5. Converting a Single-Ended Input Signal into a Differential Signal Using a RF Transformer.
R
IN
R
IN
C
IN
2.2
µF
0.1
µF
R
T
0.1
µF
1:n
R
S
R
G
OPA847
R
1
R
2
V
IN
+
ADS5421
IN
IN
CM
+5V
–5V
+5V
V
CM ≈ +2.5V


Similar Part No. - ADS5421R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5421 TI1-ADS5421 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421K5 TI-ADS5421K5 Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421Y/T TI1-ADS5421Y/T Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421Y/TG4 TI1-ADS5421Y/TG4 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5421R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5422 TI-ADS5422 Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
   14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com