Electronic Components Datasheet Search |
|
DM87P-3021-35-5012 Datasheet(PDF) 4 Page - Willow Technologies Ltd |
|
DM87P-3021-35-5012 Datasheet(HTML) 4 Page - Willow Technologies Ltd |
4 / 5 page DM87 industrial relays www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 4 of 5 Fig. 7 n n 10 10 10 0 0 0 0.6 0.8 1.0 1.2 1.4 1.6 1.8 20 20 20 30 30 30 40 40 40 50 50 50 60 60 60 70 70 70 80 80 80 90 90 90 100 100 100 Description of Fig. 5, 6 and 7 A B 1, 2, 3 1 2 3 - relations between make voltage and ambient temperature at no load on contacts. Coil temperature and ambient temperature are equal before coil energizing. Make voltage is not higher than the value read on Y axis (multiplication of rated voltage). - relations between make voltage and ambient temperature after initial coil heating up with 1,1 U , at continues load of I on contacts. Make voltage is not higher than the value read on Y axis (multiplication of rated voltage). - values on Y axis represent allowed overvoltage on coil at certain ambient temperature and contact load: - no load - 50% of rated load - rated load nn 10 20 30 30 40 40 50 50 100 100 200 200 300 300 0.1 0.5 1 2 5 8 10 50 50 12 10 5 2 1 0.5 0.1 10 3.0 3.0 2.8 2.8 2.6 2.6 2.4 2.4 2.2 2.2 2.0 2.0 1.8 1.8 1.6 1.6 1.4 1.4 1.2 1.2 1.0 1.0 0.8 0.8 0.6 0.6 20 Coil operating range - AC 50 Hz Fig. 3 DC voltage [V] DC voltage [V] Max. DC resistive load breaking capacity - standard version Max. DC resistive load breaking capacity - sensitive version Fig. 4 Coil operating range - DC - standard version Fig. 5 Coil operating range - DC - sensitive version Fig. 6 |
Similar Part No. - DM87P-3021-35-5012 |
|
Similar Description - DM87P-3021-35-5012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |