Electronic Components Datasheet Search |
|
52MT120KBS90 Datasheet(PDF) 1 Page - International Rectifier |
|
52MT120KBS90 Datasheet(HTML) 1 Page - International Rectifier |
1 / 9 page 55 A 90 A 110 A THREE PHASE CONTROLLED BRIDGE Bulletin I27503 08/97 1 MT..KB SERIES Power Modules www.irf.com 53MT.KB 93MT.KB 113MT.KB Parameters 52MT.KB 92MT.KB 112MT.KB Units 51MT.KB 91MT.KB 111MT.KB I O 55 90 110 A @ T C 85 85 85 °C I FSM @ 50Hz 390 950 1130 A @ 60Hz 410 1000 1180 A I 2t @ 50Hz 770 4525 6380 A 2s @ 60Hz 700 4130 5830 A 2s I2 √t 7700 45250 63800 A2 √s V RRM range 800 to 1600 V T STG range - 40 to 125 °C T J range - 40 to 125 °C Major Ratings and Characteristics Features Package fully compatible with the industry standard INT-A-pak power modules series High thermal conductivity package, electrically insulated case Outstanding number of power encapsulated components Excellent power volume ratio 4000 V RMS isolating voltage UL E78996 approved Description A range of extremely compact, encapsulated three phase controlled bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications. |
Similar Part No. - 52MT120KBS90 |
|
Similar Description - 52MT120KBS90 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |