Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRL18-N1132 Datasheet(PDF) 3 Page - SICK AG

Part # GRL18-N1132
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GRL18-N1132 Datasheet(HTML) 3 Page - SICK AG

  GRL18-N1132 Datasheet HTML 1Page - SICK AG GRL18-N1132 Datasheet HTML 2Page - SICK AG GRL18-N1132 Datasheet HTML 3Page - SICK AG GRL18-N1132 Datasheet HTML 4Page - SICK AG GRL18-N1132 Datasheet HTML 5Page - SICK AG GRL18-N1132 Datasheet HTML 6Page - SICK AG GRL18-N1132 Datasheet HTML 7Page - SICK AG GRL18-N1132 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GRL18-N1132 | GR18
PHOTOELECTRIC SENSORS
Ripple
± 5 Vpp 2)
Power consumption
≤ 30 mA
Output type
NPN
Output function
Complementary
Switching mode
Light/dark switching
Signal voltage NPN HIGH/LOW
Approx. VS / ≤ 3 V
Output current Imax.
100 mA 3)
Response time
< 500 µs 4)
Switching frequency
1,000 Hz 5)
Connection type
Cable, 4-wire, 2 m 6)
Cable material
PVC
Circuit protection
7)
8)
9)
Protection class
III
Polarisation filter
Housing material
Metal, Nickel-plated brass and ABS
Optics material
Plastic, PMMA
Enclosure rating
IP67
Items supplied
Fastening nuts (2 x)
EMC
EN 60947-5-2
Ambient operating temperature
–25 °C ... +55 °C 10)
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
E348498
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) At Uv > 24 V or ambient temperature > 49 °C, IA max. = 50 mA.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) Do not bend below 0 °C.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) D = outputs overcurrent and short-circuit protected.
10) At Uv <=24V and IA<50mA.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - GRL18-N1132

ManufacturerPart #DatasheetDescription
logo
SICK AG
GRL18-N1131V SICK-GRL18-N1131V Datasheet
331Kb / 7P
   PHOTOELECTRIC SENSORS
GRL18-N1137 SICK-GRL18-N1137 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - GRL18-N1132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com