Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRL18-N1157 Datasheet(PDF) 5 Page - SICK AG

Part # GRL18-N1157
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GRL18-N1157 Datasheet(HTML) 5 Page - SICK AG

  GRL18-N1157 Datasheet HTML 1Page - SICK AG GRL18-N1157 Datasheet HTML 2Page - SICK AG GRL18-N1157 Datasheet HTML 3Page - SICK AG GRL18-N1157 Datasheet HTML 4Page - SICK AG GRL18-N1157 Datasheet HTML 5Page - SICK AG GRL18-N1157 Datasheet HTML 6Page - SICK AG GRL18-N1157 Datasheet HTML 7Page - SICK AG GRL18-N1157 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GRL18-N1157 | GR18
PHOTOELECTRIC SENSORS
Characteristic curve
GRL18S
1
0
1
(3.28)
2
(6.56)
3
(9.84)
4
(13.12)
5
(16.40)
6
(19.69)
7
(22.97)
8
(26.25)
100
10
Operating reserve
Distance in m (feet)
1
2
3
4
5
6
①  Reflector PL80A
②  Reflector PL40A
③  Reflector PL20A
④  Reflector P250
⑤  Reflector PL22
⑥  Reflective tape REF-Plus 3436
Light spot size
GRL18S
7
(22.97)
3
(9.84)
1
(3.28)
0.2
(0.66)
Ø 8
(0.31)
Ø 75
(2.95)
Ø 25
(0.98)
Ø 175
(6.89)
Distance in m (feet)
Diameter in mm (inch)
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - GRL18-N1157

ManufacturerPart #DatasheetDescription
logo
SICK AG
GRL18-N1152 SICK-GRL18-N1152 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - GRL18-N1157

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com