Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS6 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # ABS6
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ABS6 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ABS6 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ABS6 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABS2 THRU ABS10
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 200 to 1000 Volts
Current - 0.8/1.0 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
25
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
ABS2
0.8
1.0
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260 /10 seconds at 5 lbs., (2.3kg) tension
Small size, simple installation
High surge current capability
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
On glass-epoxy P.C.B.(Note1)
On aluminum substrate(Note2)
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per leg at 1A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=100
Typical thermal resistance(NOTE 3)
R JA
IR
VF
uA
uA
0.95
30
5
100
ABS
ABS6
ABS4
ABS8
ABS10
-55 to +150
-55 to +150
NOTES:1.On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads
2.On aluminum substrate P.C.B. with on area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad
Operating temperature range
storage temperature range
TJ
TSTG
/W
Glass passivated chip junction
R JL
80
3.Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm)
copper pads.
MDD Catalog Number


Similar Part No. - ABS6

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
ABS6 HOTTECH-ABS6 Datasheet
206Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
List of Unclassifed Man...
ABS6 ETC1-ABS6 Datasheet
451Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Leshan Radio Company
ABS6 LRC-ABS6 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Compact Technology Corp...
ABS6 CTC-ABS6 Datasheet
252Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
ABS6 DYELEC-ABS6 Datasheet
1Mb / 2P
   SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
More results

Similar Description - ABS6

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com