Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7302ARTZ-500RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7302ARTZ-500RL7
Description  Accurate, Micropower Digital Accurate, Micropower Digital
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARTZ-500RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADT7302ARTZ-500RL7 Datasheet HTML 1Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 2Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 3Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 4Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 5Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 6Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 7Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 8Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADT7302
Rev. B | Page 4 of 16
TIMING CHARACTERISTICS
Guaranteed by design and characterization, not production tested. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD)
and timed from a voltage level of 1.6 V.
TA = TMIN to TMAX, VDD = 2.7 V to 5.25 V, unless otherwise noted.
Table 2.
Parameter1
Limit
Unit
Comments
t
1
5
ns min
CS to SCLK setup time
t
2
25
ns min
SCLK high pulse width
t
3
25
ns min
SCLK low pulse width
t
4
2
35
ns max
Data access time after SCLK falling edge
t
5
20
ns min
Data setup time prior to SCLK rising edge
t
6
5
ns min
Data hold time after SCLK rising edge
t
7
5
ns min
CS to SCLK hold time
t
8
2
40
ns max
CS to DOUT high impedance
1 See Figure 14 for the SPI timing diagram.
2 Measured with the load circuit of Figure 2.
1.6V
200
µA
200
µA
IOH
IOL
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Data Access Time and Bus Relinquish Time


Similar Part No. - ADT7302ARTZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results

Similar Description - ADT7302ARTZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com