Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7410 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7410
Description  16-Bit Digital I2C Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7410_17 Datasheet HTML 3Page - Analog Devices ADT7410_17 Datasheet HTML 4Page - Analog Devices ADT7410_17 Datasheet HTML 5Page - Analog Devices ADT7410_17 Datasheet HTML 6Page - Analog Devices ADT7410_17 Datasheet HTML 7Page - Analog Devices ADT7410_17 Datasheet HTML 8Page - Analog Devices ADT7410_17 Datasheet HTML 9Page - Analog Devices ADT7410_17 Datasheet HTML 10Page - Analog Devices ADT7410_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADT7410
Data Sheet
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SCL 1
SDA 2
A0 3
A1 4
VDD
8
GND
7
CT
6
INT
5
ADT7410
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
I2C Serial Clock Input. The serial clock is used to clock in and clock out data to and from any register of
the ADT7410. Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
2
SDA
I2C Serial Data Input/Output. Serial data to and from the part is provided on this pin. Open-drain
configuration. A pull-up resistor is required, typically 10 kΩ.
3
A0
I2C Serial Bus Address Selection Pin. Logic input. Connect to GND or VDD to set an I2C address.
4
A1
I2C Serial Bus Address Selection Pin. Logic input. Connect to GND or VDD to set an I2C address.
5
INT
Overtemperature and Undertemperature Indicator. Logic output. Power-up default setting is as an
active low comparator interrupt. Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
6
CT
Critical Overtemperature Indicator. Logic output. Power-up default polarity is active low. Open-drain
configuration. A pull-up resistor is required, typically 10 kΩ.
7
GND
Analog and Digital Ground.
8
VDD
Positive Supply Voltage (2.7 V to 5.5 V). Decouple the supply with a 0.1 μF ceramic capacitor to
ground.


Similar Part No. - ADT7410_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7410TRZ AD-ADT7410TRZ Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410TRZ-REEL AD-ADT7410TRZ-REEL Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410TRZ-REEL7 AD-ADT7410TRZ-REEL7 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7410_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
Analog Devices
ADT7422 AD-ADT7422 Datasheet
419Kb / 23P
   짹0.1째C Accuracy, 16-Bit, Digital I2C Temperature Sensor for VSM Applications
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com