Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8782C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8782C
Description  8-Bit One-Time Programmable (OTP) Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8782C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP8782C Datasheet HTML 1Page - National Semiconductor (TI) COP8782C Datasheet HTML 2Page - National Semiconductor (TI) COP8782C Datasheet HTML 3Page - National Semiconductor (TI) COP8782C Datasheet HTML 4Page - National Semiconductor (TI) COP8782C Datasheet HTML 5Page - National Semiconductor (TI) COP8782C Datasheet HTML 6Page - National Semiconductor (TI) COP8782C Datasheet HTML 7Page - National Semiconductor (TI) COP8782C Datasheet HTML 8Page - National Semiconductor (TI) COP8782C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
COP8780CCOP8781CCOP8782C
AC Electrical Characteristics b40 C k TA k a85 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
CrystalResonator or External Clock
VCC t 45V
1
DC
m
s
RC Oscillator Mode
VCC t 45V
3
DC
m
s
CKI Clock Duty Cycle (Note 7)
fr e Max
45
55
%
Rise Time (Note 7)
fr e 10 MHz Ext Clock
12
ns
Fall Time (Note 7)
fr e 10 MHz Ext Clock
8
ns
Inputs
tSETUP
VCC t 45V
200
ns
tHOLD
VCC t 45V
60
ns
Output Propagation Delay
CL e 100 pF RL e 22 kX
tPD1 tPD0
SO SK
VCC t 45V
07
m
s
All Others
VCC t 45V
1
m
s
MICROWIRETM Setup Time (tUWS)
20
ns
MICROWIRE Hold Time (tUWH)
56
ns
MICROWIRE Output
Propagation Delay (tUPD)
220
ns
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
Reset Pulse Width
10
m
s
Note 7
Parameter guaranteed by design but not tested
tc e Instruction Cycle Time
Timing Diagram
TLDD10802 – 2
FIGURE 2 MICROWIREPLUS Timing
http
www nationalcom
4


Similar Part No. - COP8782C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8720C NSC-COP8720C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CN NSC-COP8720CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CV NSC-COP8720CV Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721C NSC-COP8721C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721CN NSC-COP8721CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
More results

Similar Description - COP8782C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com