Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 20Page - Cirrus Logic CS62180 Datasheet HTML 21Page - Cirrus Logic CS62180 Datasheet HTML 22Page - Cirrus Logic CS62180 Datasheet HTML 23Page - Cirrus Logic CS62180 Datasheet HTML 24Page - Cirrus Logic CS62180 Datasheet HTML 25Page - Cirrus Logic CS62180 Datasheet HTML 26Page - Cirrus Logic CS62180 Datasheet HTML 27Page - Cirrus Logic CS62180 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
193E Timing
Link data can be identified by RLCLK, which
goes high for all odd numbered frames. RSIGFR
is high for signaling frames, and low at all other
times. RSIGSEL runs at twice the frequency of
RMSYNC. Logical combination of RMSYNC
and RSIGSEL provides a way to distinguish the
6
th, 12th, 18th, and 24th frames for external mul-
tiplexing of signaling channels. RMSYNC is
high for frames containing A and B signaling
bits, and RSIGSEL is high for frames with A
and C bits. Refer to Figure 16 for a timing dia-
gram.
SLC-96
® Timing
The CS62180B will output 36 bits of the DL on
RLINK using RLCLK. RSIGSEL can be used to
locate the DL bits. RSIGSEL will be held high
in those frames where Fs bits and the last spoiler
bit are present (frames 58 to 11). RSIGSEL is
held low in all other frames (frames 12 to 57).
RSIGFR is high for signaling frames, and low at
all other times. RMSYNC is high for frames
containing A signaling bits, and low for frames
containg B bits. Refer to Figure 17 for a timing
diagram. In SLC-96
® mode, the start of a new
multiframe occurs on the second rising edge of
RMSYNC which occurs while RSIGSEL is high.
A multiframe synchronization signal can be gen-
erated from RMSYNC and RSIGSEL using the
Frame
RFSYNC
12
23 45 67
1
8 9 101112
2 3 45 67
18 9 10 11 12
2 3 4 5 6 7
1
8 9
RLINK
RLCLK
RSIGFR
RSIGSEL
RMSYNC
Figure 18. T1DM Multiframe Receive Timing
RMSYNC
RFSYNC
Data Link
C1
C2
C3
C4
C5
C6
S4
M3
A1
S1
S2
S3
A2
Frame
X
12 13 14 15 16 17
11
18 19 20 21 22
56 57 58
72 1
55
2 3
44 45 46 47
49 50 51 52 53 54
48
RLINK
RSIGSEL
RSIGFR
AB
A
B
B
RLCLK
C1
C2
C3
C4
C5
C6
M3
A1
A2
S1
S2
S3
S4
FS
FS
FS
Figure 17. SLC-96
® Multiframe Receive Timing
CS62180B
24
DS225PP2


Similar Part No. - CS62180

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
   3.0W/CH
logo
Vishay Siliconix
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
More results

Similar Description - CS62180

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
   OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com